Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 100Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
96
Freescale Semiconductor
4.17.2
AC specification for CMOS090LP2fg library @ VDDE = 5.0 V
pad_fc
C
—
2.5 / 2.5
—
1.2 / 1.2
10
00
—
2.5 / 2.5
—
1.2 / 1.2
20
01
—
2.5 / 2.5
—
1.2 / 1.2
30
10
—
2.5 / 2.5
—
1.2 / 1.2
50
112
pad_msr
C
—
4.0 / 4.5
—
1.02 / 1.4
50
112
—
7.3 / 8.3
—
3.5 / 4.2
200
—
24 / 22
—
9.1 / 10.3
50
10
—
33 / 31
—
14 / 15
200
—
49 / 44
—
18 / 21
50
01
—
60 / 53
—
24 / 25
200
—
332 / 302
—
126 / 151
50
00
—
362 / 325
—
136 / 158
200
1 L>H signifies low-to-high propagation delay and H>L signifies high-to-low propagation delay.
2 Can be used on the tester.
Table 47. Functional pad type AC specifications
Name
C
Prop. delay (ns)
L>H / H>L1
Rise/fall edge (ns)
Drive load
(pF)
Drive/slew
rate select
MinMax
MinMax
MSB, LSB
pad_msr_hv2
C
4.6 / 3.7
12 / 12
2.2 / 2.2
5.3 / 5.9
50
113
13 / 10
32 / 32
9 / 9
22 / 22
200
N/A
104
12 / 13
28 / 34
5.6 / 6
12 / 15
50
01
23 / 23
52 / 59
11 / 14
28 / 31
200
69 / 71
152 / 165
34 / 35
70 / 74
50
00
95 / 90
205 / 220
44 / 51
96 / 96
200
Table 46. Functional pad type AC specifications (continued)
Name
C
Prop. delay (ns)
L>H / H>L1
Rise/fall edge (ns)
Drive load
(pF)
Drive/slew
rate select
MinMax
MinMax
MSB, LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com