Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
99
4.17.5
AC specification for CMOS090_ddr library @ VDDE = 3.3 V
4.17.6
AC specification for CMOS090_ddr library @ VDDE = 2.5 V
Table 50. AC specifications at 3.3 V VDDE
Name
C
Prop. delay (ns)
L>H / H>L
Rise/fall edge (ns)
Drive load
(pF)
Drive/slew
rate select
Libraries
Min
Max
Min
Max
MSB, LSB
pad_st_acc
C
1.4/1.4
2.4/2.4
3.1/2.5
5.6/5.4
5
111
6MDDR
1.7/1.7
2.7/2.7
0.9/1.1
1.7/2.0
20
pad_st_dq
C
1.4/1.4
2.4/2.4
3.1/2.5
5.6/5.4
5
111
6MDDR
1.7/1.7
2.7/2.7
0.9/1.1
1.7/2.0
20
pad_st_clk
C
1.4/1.4
2.4/2.4
3.1/2.5
5.7/5.7
5
111
6MDDR
1.6/1.6
2.6/2.6
1.1/1.3
2.3/2.3
20
Table 51. AC specifications at 2.5 V VDDE
Name
C
Prop. delay (ns)
L>H / H>L
Rise/fall edge (ns)
Drive load
(pF)
Drive/slew
rate select
Libraries
Min
Max
Min
Max
MSB, LSB
pad_st_acc
C
1.4/1.5
2.5/2.4
2.1/2.1
4.3/4.1
5
011
6MDDR
1.7/1.7
2.8/2.7
0.6/0.7
1.1/1.3
20
pad_st_dq
C
1.4/1.5
2.5/2.4
2.1/2.1
4.3/4.1
5
011
6MDDR
1.7/1.7
2.8/2.7
0.6/0.7
1.1/1.3
20
pad_st_clk
C
1.4/1.4
2.4/2.4
2.1/2.1
4.4/4.1
5
011
6MDDR
1.1/1.6
2.7/2.7
0.6/0.7
1.6/1.8
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com