Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 92Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
95
4.17
AC specifications
4.17.1
AC specification for CMOS090LP2 library @ VDDE = 3.3 V
TUEP
CC5 T Total Unadjusted Error for
precise channels, input
only pins
No overload
-2
—
2
LSB
D15.22
overload conditions on
adjacent channel
—
—
—
LSB
TUEX
CC5 T Total Unadjusted Error for
extended channel,
No overload
-3
—
3
LSB
D15.23
overload conditions on
adjacent channel
—
—
—
LSB
1 V
DDA = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105 °C, unless otherwise specified.
2 All values need to be confirmed during device validation.
3 Analog and digital V
SS must be common (to be tied together externally).
4 V
AINx may exceed VSSA and VDDA limits, remaining on absolute maximum ratings, but the results of the conversion will be
clamped respectively to 0x000 or 0x3FF.
5 Guaranteed by design.
6 During the sample time the input capacitance C
S can be charged/discharged by the external source. The internal resistance
of the analog source must allow the capacitance to reach its final voltage level within tADC_S. After the end of the sample time
tADC_S, changes of the analog input voltage have no effect on the conversion result. Values for the sample clock tADC_S depend
on programming.
7 This parameter does not include the sample time t
ADC_S, but only the time for determining the digital result and the time to
load the result’s register with the conversion result.
Table 46. Functional pad type AC specifications
Name
C
Prop. delay (ns)
L>H / H>L1
Rise/fall edge (ns)
Drive load
(pF)
Drive/slew
rate select
MinMax
MinMax
MSB, LSB
pad_ssr
C
—
4.5 / 4.5
—
2.2 / 2.2
50
112
—
8 / 8
—
6 / 6
200
—
45 / 45
—
22 / 22
50
10
—
60 / 60
—
28 / 28
200
—
90 / 90
—
42 / 42
50
01
—
110 / 110
—
50 / 50
200
—
430 / 430
—
210 / 210
50
00
—
480 / 480
—
220 / 220
200
Table 45. ADC electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value2
Unit
SpecID
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com