Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
68
Freescale Semiconductor
4.6
EMI (electromagnetic interference) characteristics
4.7
Power management
4.7.1
Voltage regulator electrical characteristics
The internal voltage regulator requires an external NPN (BCP68 or NJD2873) ballast to be connected as shown in Figure 6 as
well as an external capacitance (CREG) to be connected to the device in order to provide a stable low voltage digital supply to
the device. Capacitances should be placed on the board as near as possible to the associated pins. Care should also be taken to
limit the serial inductance of the board to less than 15 nH.
For the MPC5645S microcontroller, 100 nF should be placed between each VDD12/VSS12 supply pair and also between the
VDDPLL/VSSPLL pair. Additionally, 10 F should be placed between the VDDR pin and the adjacent VSS pin.
VDDR = 3.0 V to 3.6 V / 4.5 V to 5.5 V, TA = -40 to 105 °C, unless otherwise specified.
Table 16. EMI testing specifications12
1 The reported emission level is the value of the maximum emission, rounded up to the next whole number.
2 IEC Level Maximum:, L is less than or equal to 24 dBµV, K is less than or equal to 30 dBµV.
Symbol
Parameter
Conditions
Clocks
Frequency
Range
Level
(Typ)
Unit
Radiated
Emissions
VEME
Device Configuration,
test conditions and EM
testing per standard
IEC61967-2
FOSC – 8MHz, External
Crystal
FCPU – 124MHz
FBUS – 124MHz
No PLL Frequency
Modulation
150 kHz – 50
MHz
19
dBµV
50 MHz –
150 MHz
30
150 MHz –
500 MHz
25
500 MHz –
1000 MHz
19
IEC Level
K
—
FOSC - 8MHz, External
Crystal
FCPU -124MHz
FBUS -124MHz
2% PLL Frequency
Modulation
150 kHz – 50
MHz
15
dBµV
50 MHz –
150 MHz
24
150 MHz –
500 MHz
17
500 MHz –
1000 MHz
14
IEC Level
L
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com