Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 59 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
59
3
System design information
3.1
Power-up sequencing
The preferred power-up sequence for MPC5645S is as follows:
1.
Generic IO supplies or noise-free supplies, consisting of:
— VDDA
— VDDE_A
— VDDE_B
— VDDM
— VDD_DR
— VDD33_DR
— VDDPLL
2.
All 3.3V supplies (VDDE_B & VDD33_DR) should be ramped up first, and then the rest of the I/O supplies should
be ramped up (VDDA, VDDE_A, VDDM, VDD_DR).
3.
VDDR, the regulator input supply, should be the last supply to ramp up; all supplies can be ramped up together as long
as VDDR is included. So all 5V supplies should be ramped up after the 3.3V supplies, and if all the supplies are of the
same level, they can be ramped up together as well.
4.
LV supply (VDD12). If VREG is in bypass mode and the core supply (1.2V) is supplied externally, then this should
be the last supply given.
NOTE
For DDR, the 3.3 V supply (VDD33_DR) should come before VDD_DR.
This sequence ensures that when VREG releases its LVDs, the IO and other HV segments are powered properly. This is
important because MPC5645S doesn't monitor LVDs on IO HV supplies.
4
Electrical characteristics
4.1
Introduction
This section contains electrical characteristics of the device as well as temperature and power considerations.
This product contains devices to protect the inputs against damage due to high static voltages. However, it is advisable to take
precautions to avoid application of any voltage higher than the specified maximum rated voltages.
To enhance reliability, unused inputs can be driven to an appropriate logic voltage level (VDD or VSS). This could be done by
internal pull up and pull down, which is provided by the product for most general purpose pins.
The parameters listed in the following tables represent the characteristics of the device and its demands on the system.
In the tables where the device logic provides signals with their respective timing characteristics, the symbol “CC” for Controller
Characteristics is included in the Symbol column.
In the tables where the external system must provide signals with their respective timing characteristics to the device, the symbol
“SR” for System Requirement is included in the Symbol column.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com