Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
30
Freescale Semiconductor
2.4.4
Nexus pins
On the 176 LQFP and the 208 LQFP package options a reduced set of Nexus pins are optionally available, multiplexed with
GPIO pins.
On the 416 TEPBGA package option all Nexus pins are dedicated to Nexus only.
NMI
Non-Maskable Interrupt
I/O
S
Input, none
45
53
AC7
VRC_CTRL Voltage Regulator external
NPN Ballast base control
pin
Analo
g
—
29
29
AA3
VREF_
RSDS2
RSDS interface reference
voltage
Analo
g
—
—
145, 165
J24,D24
VREG_
BYPASS3
Pin used for factory testing
I
—
—
26
26
AA2
1 Reset configuration is given as I/O direction and pull direction (for example, “Input, pullup”).
2 Although this signal is not a supply for RSDS pads, it needs to be terminated in an external capacitor with a value of 47 pF.
3 VREG_BYPASS should be connected to ground during normal operation.
Table 5. Nexus pins
System pin
Function
Pad
type
PCR
Pin number1
176 LQFP
208 LQFP
416 TEPBGA
EVTI
Nexus Event In
M
PCR[80]
169
201
A17
EVTO
Nexus Event Out
M
PCR[70]
157
189
C20
MCKO
Nexus Msg Clock Out
F
PCR[85]
174
206
B18
MSEO[0]
Nexus Msg Start/End Out
M
PCR[71]
158
190
B20
MSEO[2]
Nexus Msg Start/End Out
M
PCR[73]
159
191
A20
MDO[0]
Nexus Msg Data Out
M
PCR[81]
170
202
D16
MDO[1]
Nexus Msg Data Out
M
PCR[82]
171
203
C16
MDO[2]
Nexus Msg Data Out
M
PCR[83]
172
204
B16
MDO[3]
Nexus Msg Data Out
M
PCR[84]
173
205
A16
EVTI
Nexus Event In
M
PCR[197]
n/a
n/a
AD8
EVTO
Nexus Event Out
M
PCR[198]
n/a
n/a
AE8
MCKO
Nexus Msg Clock Out
F
PCR[200]
n/a
n/a
AC17
MSEO[0]
Nexus Msg Start/End Out
M
PCR[199]
n/a
n/a
AD9
MSEO[2]
Nexus Msg Start/End Out
M
PCR[201]
n/a
n/a
AD17
MDO[0]
Nexus Msg Data Out
M
PCR[185]
n/a
n/a
AC20
Table 4. System pin descriptions (continued)
System pin
Function
I/O
direction
Pad
type
RESET
configuration1
Pin number
176 LQFP
208 LQFP
416 TEPBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com