Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
35
Figure 5. VIU2, DCU3, and DCULite pin sharing
VIU input data selection is done based on select bit (bit 0) of Miscellaneous control register (0xC3FE0340).
•
VIU pix data: VIU[9:0]
•
Select bit 1’b0: PDI[7:0],HSYNC,VSYNC
•
Select bit 1’b1: PDI[17:8]
2.4.7
SGM muxing
The SGM shares pins between the PWM output signals and the I2S bus signals as shown in the Table . “Port pin summary
table. When the PWM function is enabled in the SGM (SGMCTL[PWME]) the PWM (PWMO, PWMOA) signals are available.
When the PWM function is disabled the I2S bus signals (I2S_DO, I2S_SCK) are available.
2.4.8
RSDS special function muxing
Ports PA[0:15], PG[0:7], PG[11] and PM[2] have the RSDS signalling option as a special function. The SIUL allocates pad
control registers to these functions (PCR[270:282]), but because these pads share a common pin with the normal GPIO pins
they do not operate in the same way as the normal GPIO ports. PG[11] in particular has a special configuration separate from
the other pads.
The special-function pads are output-only, and the associated PCR[OBE] bit is controlled by the TCON_CTRL1 register
(TCON_BYPASS and RSDS_MODE bits). However, the alternate function selection is taken from the associated normal GPIO
pad. This allows selection of the DCU3 function as the alternate function of the pad and then the TCON module to select if the
output style is TCON/RSDS or digital RGB format.
Therefore, when the TCON bypass is active (bypass disabled with or without RSDS active), it is important not to configure the
normal GPIO ports for output operation with a non-DCU3 alternate function on ports PA[0:15] and PG[0:7].
For PG[11], the PCR[282] OBE bit is fully controlled by the TCON module and will become an output whenever the DCU3
alternate option is selected. Therefore, only select the DCU3 function on this pin when ready to configure it as a clock for a TFT
panel.
VIU2
DCU3
DCULite
PDI
PDI
VIU[9:0]
DE
PDI_PCLK
VSYNC
HSYNC
DATA[17:0]
VIU_PCLK
XBAR
Direct feed of PDI interface
to DCU3 or DCULite
RGB565
RGB888
8-bit mono
YUV422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com