Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 76 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 76 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 80Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
76
Freescale Semiconductor
Table 26. DC electrical specifications
Symbol
Parameter
Condition
Value
Unit
SpecID
Min
Max
Vdd
SR Core supply voltage
—
1.08
1.32
V
D9.45
Vdde
SR I/O supply voltage
—
3.0
3.6
V
D9.46
Vdd33
SR I/O pre-driver supply voltage
—
3.0
3.6
V
D9.47
Vih_hys
SR CMOS input buffer high
voltage
With hysteresis enabled
0.65
Vdde
Vdde+0.3
V
D9.48
Vil_hys
SR CMOS input buffer low
voltage
With hysteresis enabled
Vss–0.3
0.35
Vdde
V
D9.49
Vih
SR CMOS input buffer high
voltage
With hysteresis disabled
0.55
Vdde
Vdde+0.3
V
D9.50
Vil
SR CMOS input buffer low
voltage
With hysteresis disabled
Vss–0.3
0.40
Vdde
V
D9.51
Vhys
SR CMOS input buffer hysteresis
—
0.1
Vdde
—
V
D9.52
Pull_Ioh
SR Weak pullup current
—
15
70
A
D9.53
Pull_Iol
SR Weak pulldown current
—
15
95
A
D9.54
Iinact_d
SR Digital pad input leakage
current
Weak pull inactive
–2.5
2.5
A
D9.55
Iinact_a
SR Analog pad input leakage
current
Weak pull inactive
–150
150
nA
D9.56
Voh
SR Slew rate controlled output
high voltage
—0.8
Vdde
—
V
D9.57
Vol
SR Slew rate controlled output
low voltage
——
0.2
Vdde
V
D9.58
Ioh_msr
SR pad_msr_hv Ioh
—
5.4
21
mA
D9.59
Iol_msr
SR pad_msr_hv Iol
—
8.1
38.6
mA
D9.60
Ioh_ssr
SR pad_ssr_hv Ioh
—
2.8
11.2
mA
D9.61
Iol_ssr
SR pad_ssr_hv Iol
—
4.2
20.6
mA
D9.62
Rtgate
SR Pad_tgate_hv input
resistance
—
325
1250
D9.65
Table 27. Supply leakage
Pad
VDD
VDDE
VDD33
Typ
Max
Typ
Max
Typ
Max
pad_msr_hv
0.818 nA
83.7 nA
0.81 nA
118 nA
—
—
pad ssr_hv
0.818 nA
83.7 nA
0.858 nA
88.7 nA
—
—
pad_i_hv
0.307 nA
48.4 nA
88.2 pA
30 nA
—
—
biasref_hv
————
——



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com