Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
12
Freescale Semiconductor
1.4.8
On-chip flash memory with ECC
The MPC5645S microcontroller has the following flash memory features:
•
2 MB of flash memory
— Typical flash memory access time: 0 wait-state for buffer hits, 3 wait-states for page buffer miss at 125 MHz
—Two 4
128-bit page buffers with programmable prefetch control
–
One set of page buffers can be allocated for code-only, fixed partitions of code and data, all available for any
access
–
One set of page buffers allocated to Display Controller Units, Graphics Accelerator, and the eDMA
— 64-bit ECC with single-bit correction, double-bit detection for data integrity
•
Small block flash arrangement to support features such as boot block, EEPROM Emulation, operating system block
—8
16 KB
—2
64 KB
—2
128 KB
—6
256 KB
•
Hardware managed flash writes, erase and verify sequence
•
Censorship protection scheme to prevent Flash content visibility
1.4.9
SRAM
The MPC5645S microcontroller has 64 KB general-purpose on-chip SRAM with the following features:
•
Typical SRAM access time: 1 wait-state for reads and 32-bit writes
•
32-bit ECC with single-bit correction, double bit detection for data integrity
•
Supports byte (8-bit), half word (16-bit), word (32-bit), and double-word (64-bit) writes for optimal use of memory
•
User transparent ECC encoding and decoding for byte, half word, and word accesses
•
Separate internal power domains applied to 56 KB and 8 KB SRAM blocks during STANDBY modes to retain
contents during low power mode
1.4.10
On-chip graphics SRAM
The MPC5645S microcontroller has 1 MB on-chip graphics SRAM with the following features:
•
Two crossbar slave ports:
— One dedicated to the 2D Graphics Accelerator (GFX2D) access
— One dedicated to all other crossbar masters
•
Usable as general purpose SRAM
•
Supports byte (8-bit), half word (16-bit), word (32-bit), and double-word (64-bit) writes for optimal use of memory
•
RAM controller with hardware RAM fill function supporting all-zeroes or all-ones SRAM initialization
•
Independent data buffers (one per AHB port) for maximum system performance
— Optimized for burst transfers (read + write)
— Programmable read prefetch capabilities
1.4.11
Memory Protection Unit (MPU)
The MPU features the following:
•
Sixteen region descriptors for per master protection
•
Start and end address defined with 32-byte granularity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com