Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
63
4.5
Thermal characteristics
Table 12. Recommended operating conditions (5.0 V)
Symbol
C
Parameter
Conditions
Value
Unit
SpecID
Min
Max
VDDA
1
1 100 nF capacitance needs to be provided between V
DDA/VSSA pair.
SR P Voltage on VDDA pin (ADC reference) with re-
spect to ground (VSS)
—
+4.5
+5.5
V
D2.19
D
Voltage drop2
2 Full functionality cannot be guaranteed when voltage drops below 4.5 V. In particular, I/O DC and ADC electrical
characteristics may not be guaranteed below 4.5 V during the voltage drop sequence.
+3.0
+5.5
D
Relative to VDD
VDD–0.1
VDD+0.1
VSSA
SR D Voltage on VSSA (ADC reference) pin with
respect VSS
—VSS–0.1
VSS+0.1
V
D2.20
VDDPLL
CC P Voltage on VDDPLL (1.2 V PLL supply) pin
with respect to ground (VSSPLL)
—
1.08
1.32
V
D2.21
VDDR
3
3 10
F capacitance must be connected between V
DDR and VSS12. It is recommended that this cap should be placed, as close
as possible to the DUT pin on board.
SR P Voltage on VDDR pin (regulator supply) with
respect to ground (VSSR)
—
+3.0
+3.6
V
D2.22
D
Voltage drop2
+3.0
+3.6
D
Relative to VDD
VDD–0.1
VDD+0.1
VSSR
SR D Voltage on VSSR (regulator ground) pin with
respect to VSS
—VSS–0.1
VSS+0.1
V
D2.23
VDD12
4,5
CC P Voltage on VDD12 pin with respect to ground
(VSS12)
—
1.08
1.4
V
D2.24
VSS12
CC D Voltage on VSS12 pin with respect to VSS
—VSS–0.1
VSS+0.1
V
D2.25
VDD
6,7
SR P Voltage on VDD pins (VDDE_A, VDDE_B,
VDD_DR, VDDMA, VDDMB, VDDMC) with
respect to ground (VSS)
Voltage drop2
VDDmin
6
VDDmax
6
V
D2.26
VSS
8
SR D I/O supply ground
—
0
0
V
D2.27
VDDE_A
9
SR P Voltage on VDDE_A (I/O supply) pin with
respect to ground (VSSE_A)
—
+4.5
+5.5
V
D2.28
VDDE_B
10
SR P Voltage on VDDE_B (I/O supply) pin with
respect to ground (VSSE_B)
—
+3.0
+3.6
V
D2.29
VDDM
SR P Voltage on VDDMA (stepper motor supply)
pin with respect to ground (VSSMA)
—
+4.5
+5.5
V
D2.30
VDD_DR
11
P Voltage on VDD_DR with respect to VSS
—
+1.62
+3.6
V
D2.31
VSS_DR
D Voltage on VSSRSDS with respect to VSS
—
+1.62
+3.6
V
D2.32
VRSDS
P Voltage on VDD_DR with respect to VSS
—
+3.0
+3.6
V
D2.33
TVDD
SR D VDD slope to ensure correct power up
12
——
12
V/ms
D2.34
TA
SR P Ambient temperature under bias
—
–40
+105
°C
D2.35
–40
+105
TJ
SR D Junction temperature under bias
—
–40
+140
—
D2.36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com