Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 74 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 74 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 78Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
74
Freescale Semiconductor
Iinact_a
SR
P Analog pad input leakage
current
Weak pull inactive
–150
150
nA
D9.11
Voh
SR
P Output high voltage
Refer to Table 23
0.8
Vdde
—
V
D9.12
Vol
SR
P Output low voltage
Refer to Table 23
—0.2
Vdde
V
D9.13
Vol_fod_h
SR
C Fast open-drain output low
voltage
Iol_fod_h = 10 mA
—
0.2
Vdd33
—
D9.16
Table 23. Drive current, VDDE=3.3 V (+/- 10%)
Pad
C
Drive mode
Minimum Ioh (mA)1
1 Ioh is defined as the current sourced by the pad to drive the output to Voh.
Minimum Iol (mA)2
2 Iol is defined as the current sunk by the pad to drive the output to Vol.
pad_fc
C
00
16.1
24
01
31.8
47.9
10
47.2
70.6
11
77
114.5
pad_msr
C
All
61.9
83.6
pad_ssr
C
All
61.9
83.6
Table 24. Supply leakage
Pad
C
VDD
VDDE
(Typ/Max)
VDD33
(Typ/Max)
pad_fc
D
90
A3 nA / 4 A
1 nA / 30
A
pad_msr
—
—
—
pad_ssr
—
—
—
Table 22. DC electrical specifications (continued)
Symbol
C
Parameter
Condition
Value
Unit
SpecID
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com