Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
64
Freescale Semiconductor
4 V
DD12 cannot be used to drive any external component.
5 Each V
DD12/VSS12 supply pair should have a 10 F capacitor. Absolute combined maximum capacitance is 40 F. Preferably,
all the VDD12 supply pads should be shorted and then connected to a 4
10 F capacitance. This is to ensure the ESR of
external capacitance does not exceed 0.2
. A 100 nF capacitor must be placed close to the pin.
6 V
DD refers collectively to I/O voltage supplies, i.e., VDDE_A, VDDE_B, VDDE_DR, VDDMA, VDDMB and VDDMC. VDDmin value for
is 4.5 V for VDDE_A & VDDM, 3 V VDDE_B, while it is 1.62 V for VDD_DR. VDD max value is 5.5 V for VDDE_A & VDDM
and 3.6 V for VDDE_B & VDD_DR.
7 100 nF capacitance needs to be provided between each V
DD/VSS pair.
8 V
SS refers collectively to I/O voltage supply grounds, i.e., VSSE_A, VSSE_B, VSSE_A, VSSE_E, VSSMA, VSSMB and VSSMC) unless
otherwise noted.
9 V
DDE_A should not be less than VDDA.
10 VDDE_B cannot go beyond 3.6V under any operating condition.
11 VDD_DR can be 1.8, 2.5 and 3.3V (typical) based on type of SDR memory.
12 Guaranteed by device validation.
Table 13. Thermal characteristics for 176-pin LQFP1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter
Conditions
Value
Unit
SpecID
RJA
CC
D Junction to Ambient Natural Convection2
2 Junction-to-Ambient Thermal Resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets
JEDEC specification for this package.
Single layer board - 1s
36
°C/W
D3.1
RJA
CC
D Junction to Ambient Natural Convection2
Four layer board - 2s2p
29
°C/W
D3.2
RJMA
CC
D Junction to Ambient2
@200 ft./min., single layer
board - 1s
28
°C/W
D3.3
RJMA
CC
D Junction to Ambient2
@200 ft./min., Four layer
board - 2s2p
23
°C/W
D3.4
RJB
CC
D Junction to Board3
3 Junction-to-Board thermal resistance determined per JEDEC JESD51-8. Thermal test board meets JEDEC specification for
the specified package.
—18
°C/W
D3.5
RJCtop
CC
D Junction to Case (Top)4
4 Junction-to-Case at the top of the package determined using MIL-STD 883 Method 1012.1. The cold plate temperature is used
for the case temperature. Reported value includes the thermal resistance of the interface layer.
—5
°C/W
D3.6
JT
CC
D Junction to Package Top Natural Convec-
tion5
5 Thermal characterization parameter indicating the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written
as Psi-JT.
—2
°C/W
D3.7
Table 14. Thermal characteristics for 208-pin LQFP1
Symbol
C
Parameter
Conditions
Value
Unit
SpecID
RJA
CC
D Junction to Ambient Natural Convection2
Single layer board - 1s
34
°C/W
D3.8
RJA
CC
D Junction to Ambient Natural Convection2
Four layer board - 2s2p
27
°C/W
D3.9
RJMA
CC
D Junction to Ambient2
@200 ft./min., single layer
board - 1s
27
°C/W
D3.10
RJMA
CC
D Junction to Ambient2
@200 ft./min., Four layer
board - 2s2p
22
°C/W
D3.11
RJB
CC
D Junction to Board3
—
18
°C/W
D3.12
RJCtop
CC
D Junction to Case (Top)4
—
5
°C/W
D3.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com