Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
86
Freescale Semiconductor
4.12
FMPLL electrical characteristics
The device provides a frequency-modulated phase-locked loop (FMPLL) module to generate a fast system clock from the fast
external oscillator driver.
Table 39. Slow external crystal oscillator electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = -40 to +105 °C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit
SpecID
Min
Typ
Max
fXOSCLP
SR
C Oscillator frequency
—
32
—
40
kHz
O10.1
VXOSCLP CC
3
3 Granted by device validation.
C Oscillation amplitude
VDDA=3.3V10%,
VDDE_A=3.3V10%
1.12
1.33
1.74
V
O10.2
VDDA=5.0V10%,
VDDE_A=5.0V10%
1.12
1.37
1.74
IXOSCLP CC
3
D Oscillator consumption
—
—
—
5
µA
O10.3
TXOSCLPS
U
CC3 D Oscillator start-up time
—
—
—
2
s
O10.4
VIH
SR
C Input high level CMOS
Schmitt Trigger
Oscillator bypass mode
0.65VDDA
0.65VDDE_A
—VDDA+0.4
VDDE_A+0.4
V
O10.5
VIL
SR
C Input low level CMOS
Schmitt Trigger
Oscillator bypass mode
VSS–0.4
—
0.35VDDA
0.35VDDE_A
V
O10.6
Table 40. FMPLL electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DDPLL = 1.2 V ± 10%, TA = -40 to +105 °C, unless otherwise specified.
Value2
2 All values need to be confirmed during device validation.
Unit SpecID
Min
Typ
Max
fPLLIN
SR
T PLL reference clock3
3 PLLIN clock retrieved directly from XOSCHS clock. Input characteristics are granted when oscillator is used in functional
mode. When bypass mode is used, oscillator input clock should verify fPLLIN and PLLIN.
—
4
—
120
MHz O11.1
PLLIN
SR
T PLL reference clock duty cycle3
—
47.5
—
52.5
%
O11.2
fPLLOUT CC
4
T PLL output clock frequency
—
15
—
2505
MHz O11.3
fCPU
CC4
T System clock frequency
—
—
—
1256
MHz O11.4
TLOCK
CC4
T PLL lock time
Stable oscillator (fPLLIN = 10 MHz)
—
—
100
µs
O11.5
T
PKJIT
CC4
T PLL jitter
fPLLOUT (PHI i.e. FMPLL O/P) =
15.625 MHz @ 10 MHz resonator
–509
—
509
ps
O11.6
T
LTJIT
CC4
T PLL long term jitter
fPLLIN = 10 MHz (resonator)
–2.4
—
2.4
ns
O11.7
IPLL
CC7
D Current Consumption (Normal
Mode for Analog Supply)
TA = 25°C
—
—
500
µA
O11.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com