Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5645S Datasheet(PDF) 101 Page - Freescale Semiconductor, Inc

Part # MPC5645S
Description  Qorivva MPC5645S Microcontroller Data Sheet
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5645S Datasheet(HTML) 101 Page - Freescale Semiconductor, Inc

Back Button MPC5645S Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 101Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 102Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 103Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 104Page - Freescale Semiconductor, Inc MPC5645S Datasheet HTML 105Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 146 page
background image
Qorivva MPC5645S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
101
4.18
AC timing
4.18.1
IEEE 1149.1 interface timing
Figure 16. JTAG Test Clock Input Timing
Table 53. JTAG Interface Timing1
1 These specifications apply to JTAG boundary scan only. JTAG timing specified at V
DD = 3.0 V to 3.6 V, TA = -40 to 105 °C, and
CL = 50 pF with SRC = 0b01.
Num
Symbol
C
Characteristic
Min
Max
Unit
SpecID
1tJCYC
CC2
2 Parameter values guaranteed by design.
D TCK Cycle Time
100
—
ns
A1.1
2tJDC
CC2
D TCK Clock Pulse Width (Measured at VDD/2)
40
60
ns
A1.2
3tTCKRISE
CC2
D TCK Rise and Fall Times (40% – 70%)
—
3
ns
A1.3
4tTMSS, tTDIS
CC2
D TMS, TDI Data Setup Time
5
—
ns
A1.4
5tTMSH, tTDIH
CC2
D TMS, TDI Data Hold Time
25
—
ns
A1.5
6tTDOV
CC2
D TCK Low to TDO Data Valid
—
35
ns
A1.6
7tTDOI
CC2
D TCK Low to TDO Data Invalid
0
—
ns
A1.7
8tTDOHZ
CC2
D TCK Low to TDO High Impedance
—
30
ns
A1.8
9tBSDV
CC2
D TCK Falling Edge to Output Valid
—
35
ns
A1.9
10
tBSDVZ
CC2
D TCK Falling Edge to Output Valid out of High
Impedance
—
50
ns
A1.10
11
tBSDHZ
CC2
D TCK Falling Edge to Output High Impedance
—
50
ns
A1.11
12
tBSDST
CC2
D Boundary Scan Input Valid to TCK Rising Edge
50
—
ns
A1.12
13
tBSDHT
CC2
D TCK Rising Edge to Boundary Scan Input Invalid
50
—
ns
A1.13
TCK
1
2
2
3
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com