Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 113 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 113 Page - Texas Instruments

Back Button C6416 Datasheet HTML 109Page - Texas Instruments C6416 Datasheet HTML 110Page - Texas Instruments C6416 Datasheet HTML 111Page - Texas Instruments C6416 Datasheet HTML 112Page - Texas Instruments C6416 Datasheet HTML 113Page - Texas Instruments C6416 Datasheet HTML 114Page - Texas Instruments C6416 Datasheet HTML 115Page - Texas Instruments C6416 Datasheet HTML 116Page - Texas Instruments C6416 Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
113
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PERIPHERAL COMPONENT INTERCONNECT (PCI) TIMING [C6415 AND C6416 ONLY]
timing requirements for PCLK†‡ (see Figure 47)
NO.
MIN
MAX
UNIT
1
tc(PCLK)
Cycle time, PCLK
30 (or 8P§)*
ns
2
tw(PCLKH)
Pulse duration, PCLK high
11*
ns
3
tw(PCLKL)
Pulse duration, PCLK low
11*
ns
4
tsr(PCLK)
∆v/∆t slew rate, PCLK
1*
4*
V/ns
*This parameter is not production tested.
† For 3.3-V operation, the reference points for the rise and fall transitions are measured at VILP MAX and VIHP MIN.
‡ P = 1/CPU clock frequency in ns. For example when running parts at 600 MHz, use P = 1.67 ns.
§ Select the parameter value of 30 ns or 8P, whichever is greater.
PCLK
1
2
3
4
4
0.4 DVDD V MIN
Peak to Peak for
3.3V signaling
Figure 47. PCLK Timing
timing requirements for PCI reset (see Figure 48)
NO.
MIN
MAX
UNIT
1
tw(PRST)
Pulse duration, PRST
1*
ms
2
tsu(PCLKA-PRSTH)
Setup time, PCLK active before PRST high
100*
µs
*This parameter is not production tested.
PRST
PCLK
2
1
Figure 48. PCI Reset (PRST) Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com