Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C6416 Datasheet(PDF) 115 Page - Texas Instruments

Part # C6416
Description  FIXD-POINT DIGITAL SIGNAL PROCESSORS
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

C6416 Datasheet(HTML) 115 Page - Texas Instruments

Back Button C6416 Datasheet HTML 111Page - Texas Instruments C6416 Datasheet HTML 112Page - Texas Instruments C6416 Datasheet HTML 113Page - Texas Instruments C6416 Datasheet HTML 114Page - Texas Instruments C6416 Datasheet HTML 115Page - Texas Instruments C6416 Datasheet HTML 116Page - Texas Instruments C6416 Datasheet HTML 117Page - Texas Instruments C6416 Datasheet HTML 118Page - Texas Instruments C6416 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 134 page
background image
SMJ320C6414, SMJ320C6415, SMJ320C6416
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SGUS050A − JANUARY 2004 − REVISED MARCH 2004
115
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PERIPHERAL COMPONENT INTERCONNECT (PCI) TIMING [C6415 AND C6416 ONLY]
(CONTINUED)
timing requirements for serial EEPROM interface (see Figure 50)
NO.
MIN
MAX
UNIT
8
tsu(DIV-CLKH)
Setup time, XSP_DI valid before XSP_CLK high
50*
ns
9
th(CLKH-DIV)
Hold time, XSP_DI valid after XSP_CLK high
0*
ns
*This parameter is not production tested.
switching characteristics over recommended operating conditions for serial EEPROM interface†
(see Figure 50)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
tw(CSL)
Pulse duration, XSP_CS low
4092P
ns
2
td(CLKL-CSL)
Delay time, XSP_CLK low to XSP_CS low
0
ns
3
td(CSH-CLKH)
Delay time, XSP_CS high to XSP_CLK high
2046P
ns
4
tw(CLKH)
Pulse duration, XSP_CLK high
2046P
ns
5
tw(CLKL)
Pulse duration, XSP_CLK low
2046P
ns
6
tosu(DOV-CLKH)
Output setup time, XSP_DO valid after XSP_CLK high
2046P
ns
7
toh(CLKH-DOV)
Output hold time, XSP_DO valid after XSP_CLK high
2046P
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 600 MHz, use P = 1.67 ns.
9
8
7
6
3
2
5
4
1
XSP_CS
XSP_CLK
XSP_DO
XSP_DI
Figure 50. PCI Serial EEPROM Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com