Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 113 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 113 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 109Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 110Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 111Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 112Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 113Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 114Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 115Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 116Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 117Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
113
REGISTER BITS BY ADDRESS
The complete register map is shown below. The detailed description can be found in the relevant text of the device
description.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R0 (00h)
Software
Reset/Chip
ID 1
15:0
SW_RESET
[15:0]
0110_0010
_0010_100
1
Writing to this register resets all registers to their default
state.
Reading from this register will indicate device family ID
6229h.
Register 00h Software Reset/Chip ID 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1 (01h)
Chip ID 2
3:0
CHIP_REV[3:0]
0000
Reading from this register will indicate the Revision ID.
Register 01h Chip ID 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R2 (02h)
Power
management
1
13
INPPGAR_EN
A
0
Right Input PGA Enable
0 = Disabled
1 = Enabled
12
INPPGAL_ENA
0
Left Input PGA Enable
0 = Disabled
1 = Enabled
11
ADCR_ENA
0
Right ADC Enable
0 = Disabled
1 = Enabled
ADCR_ENA must be set to 1 when processing right
channel data from the ADC or Digital Microphone.
10
ADCL_ENA
0
Left ADC Enable
0 = Disabled
1 = Enabled
ADCL_ENA must be set to 1 when processing left
channel data from the ADC or Digital Microphone.
7
DMIC_ENA
0
Enables Digital Microphone mode
0 = Audio DSP input is from ADC
1 = Audio DSP input is from digital microphone
interface
When DMIC_ENA = 0, the Digital microphone clock
(DMICCLK) is held low.
4
MICB_ENA
0
Microphone Bias Enable
0 = Disabled
1 = Enabled
3
BIAS_ENA
0
Master Bias Enable
0 = Disabled
1 = Enabled
2
VMID_BUF_EN
A
0
VMID Buffer Enable.
(The buffered VMID may be applied to disabled input
and output pins.)
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com