Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 115 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 115 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 111Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 112Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 113Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 114Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 115Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 116Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 117Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 118Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 119Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
115
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1 = Enable Mute
4
SPKL_MIX_MU
TE
1
Left Speaker PGA Mixer Mute
0 = Disable Mute
1 = Enable Mute
3
SPKR_MIX_EN
A
0
Right speaker output mixer enable
0 = Disabled
1 = Enabled
2
SPKL_MIX_EN
A
0
Left speaker output mixer enable
0 = Disabled
1 = Enabled
1
DACR_ENA
0
Right DAC Enable
0 = Disabled
1 = Enabled
DACR_ENA must be set to 1 when processing right
channel data from the DAC or Digital Beep Generator.
0
DACL_ENA
0
Left DAC Enable
0 = Disabled
1 = Enabled
DACR_ENA must be set to 1 when processing left
channel data from the DAC or Digital Beep Generator.
Register 03h Power management 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R4 (04h)
Audio
Interface
15:14
DACDATA_PU
LL[1:0]
00
DACDAT pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
13:12
FRAME_PULL
[1:0]
00
LRCLK pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
11:10
BCLK_PULL
[1:0]
00
BCLK pull-up / pull-down Enable
00 = no pull-up or pull-down
01 = pull-down
10 = pull-up
11 = reserved
9
ADCR_SRC
1
Right Digital Audio interface source
0 = Left ADC data is output on right channel
1 = Right ADC data is output on right channel
8
ADCL_SRC
0
Left Digital Audio interface source
0 = Left ADC data is output on left channel
1 = Right ADC data is output on left channel
7
DACR_SRC
1
Right DAC Data Source Select
0 = Right DAC outputs left interface data
1 = Right DAC outputs right interface data
6
DACL_SRC
0
Left DAC Data Source Select
0 = Left DAC outputs left interface data
1 = Left DAC outputs right interface data
5
BCLK_INV
0
BCLK Invert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com