Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 131 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 131 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 127Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 128Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 129Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 130Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 131Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 132Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 133Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 134Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 135Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
131
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R33 (21h)
DRC Control
5
13
DRC_KNEE2_
OP_ENA
0
DRC_KNEE2_OP Enable
0 = Disabled
1 = Enabled
12:8
DRC_KNEE2_
OP[4:0]
0_0000
Output signal at the Noise Gate threshold ‘Knee2’.
00000 = -30dB
00001 = -31.5dB
00010 = -33dB
… (-1.5dB steps)
11110 = -75dB
11111 = -76.5dB
Only applicable when DRC_KNEE2_OP_ENA = 1.
7:3
DRC_KNEE_O
P[4:0]
0_0000
Output signal at the Compressor ‘Knee1’.
00000 = 0dB
00001 = -0.75dB
00010 = -1.5dB
… (-0.75dB steps)
11110 = -22.5dB
11111 = Reserved
2:0
DRC_HI_COM
P[2:0]
011
Compressor slope (upper region)
000 = 1 (no compression)
001 = 1/2
010 = 1/4
011 = 1/8
100 = 1/16
101 = 0
110 = Reserved
111 = Reserved
Register 21h DRC Control 5
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R34 (22h)
DRC Control
6
3:2
DRC_QR_THR
[1:0]
00
DRC Quick-release threshold (crest factor in dB)
00 = 12dB
01 = 18dB
10 = 24dB
11 = 30dB
1:0
DRC_QR_DCY
[1:0]
00
DRC Quick-release decay rate (seconds/6dB)
00 = 0.725ms
01 = 1.45ms
10 = 5.8ms
11 = reserved
Register 22h DRC Control 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com