Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 133 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 133 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 129Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 130Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 131Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 132Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 133Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 134Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 135Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 136Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 137Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
133
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R38 (26h)
Video Buffer
7
VB_ENA
0
Video buffer enable
0 = Disabled
1 = Enabled
6
VB_QBOOST
0
Video buffer filter Q-Boost control
0 = Disabled
1 = Enabled
5
VB_GAIN
0
Video buffer gain
0 = 0dB (=6dB unloaded)
1 = 6dB (=12dB unloaded)
4:2
VB_DISOFF
[2:0]
111
Video buffer DC offset control
000 = Reserved
001 = 40mV offset
010 = Reserved
011 = 20mV offset
100 = Reserved
101 = Reserved
110 = Reserved
111 = 0mV offset
Note – the specified offset applies to the 0dB gain
setting (VB_GAIN=0). When 6dB gain is selected, the
DC offset is doubled.
1
VB_PD
0
Video buffer pull-down
0 = pull-down disabled
1 = pull-down enabled
0
VB_CLAMP
0
Enable the clamp between the video input and ground
0 = no clamp
1 = Video buffer input is clamped to ground
Register 26h Video Buffer
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R39 (27h)
Input ctrl
8
AUX2_AUDIO
0
AUX2 pin configuration
0 = Non-Audio signal
1 = AC-coupled Audio signal
7
AUX1_AUDIO
0
AUX1 pin configuration
0 = Non-Audio signal
1 = AC-coupled Audio signal
6
MICB_LVL
0
Microphone Bias Voltage control
0 = 0.9 x LDOVOUT
1 = 0.65 x LDOVOUT
5
MICRN_TO_N_
PGAR
1
Right Input PGA Inverting Input Select
0 = Connected to VMID
1 = Connected to IN2R
4
MICLN_TO_N_
PGAL
1
Left Input PGA Inverting Input Select
0 = Connected to VMID
1 = Connected to IN2L
3:2
P_PGAR_SEL
[1:0]
01
Right Input PGA Non-Inverting Input Select
00 = Connected to IN2R
01 = Connected to IN1R
10 = Connected to AUX2
11 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com