Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 155 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 155 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 151Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 152Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 153Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 154Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 155Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 156Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 157Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 158Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 159Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
155
Register 86h SE2_5BEQ_L10G
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R135 (87h)
SE2_5BEQ_
L32G
12:8
SE2_5BEQ_L3
G[4:0]
0_1100
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter Gain
00000 : -12dB
00001 : -12dB
00010 : -10dB
00011 : -9dB
…. (1dB steps)
11000 : 12dB
11001 to 11111 : Reserved
4:0
SE2_5BEQ_L2
G[4:0]
0_1100
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter Gain
00000 : -12dB
00001 : -12dB
00010 : -10dB
00011 : -9dB
…. (1dB steps)
11000 : 12dB
11001 to 11111 : Reserved
Register 87h SE2_5BEQ_L32G
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R136 (88h)
SE2_5BEQ_
L4G
4:0
SE2_5BEQ_L4
G[4:0]
0_1100
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter Gain
00000 : -12dB
00001 : -12dB
00010 : -10dB
00011 : -9dB
…. (1dB steps)
11000 : 12dB
11001 to 11111 : Reserved
Register 88h SE2_5BEQ_L4G
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R137 (89h)
SE2_5BEQ_
L0P
15:0
SE2_5BEQ_L0
P[15:0]
0000_0000
_1101_100
0
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 89h SE2_5BEQ_L0P
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R138 (8Ah)
SE2_5BEQ_
L0A
15:0
SE2_5BEQ_L0
A[15:0]
0000_1111
_1100_101
0
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 8Ah SE2_5BEQ_L0A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com