Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 156 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 156 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 152Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 153Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 154Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 155Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 156Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 157Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 158Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 159Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 160Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
156
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R139 (8Bh)
SE2_5BEQ_
L0B
15:0
SE2_5BEQ_L0
B[15:0]
0000_0100
_0000_000
0
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 8Bh SE2_5BEQ_L0B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R140 (8Ch)
SE2_5BEQ_
L1P
15:0
SE2_5BEQ_L1
P[15:0]
0000_0001
_1100_010
1
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 8Ch SE2_5BEQ_L1P
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R141 (8Dh)
SE2_5BEQ_
L1A
15:0
SE2_5BEQ_L1
A[15:0]
0001_1110
_1011_010
1
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 8Dh SE2_5BEQ_L1A
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R142 (8Eh)
SE2_5BEQ_
L1B
15:0
SE2_5BEQ_L1
B[15:0]
1111_0001
_0100_010
1
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 8Eh SE2_5BEQ_L1B
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R143 (8Fh)
SE2_5BEQ_
L1C
15:0
SE2_5BEQ_L1
C[15:0]
0000_1011
_0111_010
1
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 8Fh SE2_5BEQ_L1C
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R144 (90h)
SE2_5BEQ_
L2P
15:0
SE2_5BEQ_L2
P[15:0]
0000_0101
_0101_100
0
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 90h SE2_5BEQ_L2P
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R145 (91h)
SE2_5BEQ_
L2A
15:0
SE2_5BEQ_L2
A[15:0]
0001_1100
_0101_100
0
Filter coefficients for Signal Enhancement 2 (SE2) left
channel 5-band EQ filter
Register 91h SE2_5BEQ_L2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com