Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 168 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 168 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 164Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 165Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 166Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 167Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 168Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 169Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 170Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 171Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 172Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
168
APPLICATIONS INFORMATION
RECOMMENDED EXTERNAL COMPONENTS
AUDIO INPUT PATHS
The WM8946 provides up to 6 analogue audio inputs (including the auxiliary inputs AUX1 and AUX2).
Each of these inputs is referenced to the internal DC reference, VMID. A DC blocking capacitor is
required for each input pin used in the target application. The choice of capacitor is determined by the
filter that is formed between that capacitor and the input impedance of the input pin. The circuit is
illustrated in Figure 55. (Note that capacitors are not required on any unused audio input.)
Figure 55 Audio Input Path DC Blocking Capacitor
When the input impedance is known, and the cut-off frequency is known, then the minimum capacitor
value may be derived easily. For practical use, a 1
F capacitance for all audio inputs can be
recommended for most cases. Tantalum electrolytic capacitors are particularly suitable as they offer
high stability in a small package size.
Ceramic equivalents are a cost effective alternative to the superior tantalum packages, but care must
be taken to ensure the desired capacitance is maintained at the LDOVOUT operating voltage. Also,
ceramic capacitors may show microphonic effects, where vibrations and mechanical conditions give
rise to electrical signals. This is particularly problematic for microphone input paths where a large
signal gain is required.
A single capacitor is required for a line input or single-ended microphone connection. In the case of a
differential microphone connection, a DC blocking capacitor is required on both input pins.
HEADPHONE / LINE OUTPUT PATHS
The WM8946 provides four outputs (LINEOUTL, LINEOUTR, SPKOUTL and SPKOUTR). Each of
these outputs is referenced to the internal DC reference, VMID. In any case where a line output is
used in a single-ended configuration (i.e. referenced to GND), a DC blocking capacitor is required in
order to remove the DC bias. In the case where a pair of line outputs is configured as a BTL
differential pair, then the DC blocking capacitor should be omitted.
The choice of capacitor is determined from the filter that is formed between the capacitor and the load
impedance. A 1
F capacitance would be a suitable choice for a line load. For a headphone load a
larger value (100uF for a 32 ohm load or 220uF for a 16 ohm load) would be required. Tantalum
electrolytic capacitors are again particularly suitable but ceramic equivalents are a cost effective
alternative. Care must be taken to ensure the desired capacitance is maintained at the appropriate
operating voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com