Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946ECS/R Datasheet(PDF) 170 Page - Wolfson Microelectronics plc

Part # WM8946ECS/R
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946ECS/R Datasheet(HTML) 170 Page - Wolfson Microelectronics plc

Back Button WM8946ECS/R Datasheet HTML 166Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 167Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 168Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 169Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 170Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 171Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 172Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 173Page - Wolfson Microelectronics plc WM8946ECS/R Datasheet HTML 174Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
170
The recommended power supply decoupling capacitors for WM8946 are listed below in Table 71.
POWER SUPPLY
DECOUPLING CAPACITOR
DCVDD, DBVDD, LDOVDD, SPKVDD
4.7
F ceramic
LDOVOUT
2.2
F ceramic
VMIDC
4.7
F ceramic
Table 71 Power Supply Decoupling Capacitors
All decoupling capacitors should be placed as close as possible to the WM8946 device. The
connection between GND, the LDOVOUT decoupling capacitor and the main system ground should
be made at a single point as close as possible to the GND ball of the WM8946.
The VMIDC capacitor is not, technically, a decoupling capacitor. However, it does serve a similar
purpose in filtering noise on the VMID reference. The connection between GND, the VMID decoupling
capacitor and the main system ground should be made at a single point as close as possible to the
GND ball of the WM8946.
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the
selected components provide the required capacitance across the required temperature and voltage
ranges in the intended application. For most application the use of ceramic capacitors with capacitor
dielectric X5R is recommended.
MICROPHONE BIAS CIRCUIT
The WM8946 is designed to interface easily with electret microphones. These may be connected in
single-ended or differential configurations. The single-ended method allows greater capability for the
connection of multiple audio sources simultaneously, whilst the differential method provides better
performance due to its rejection of common-mode noise.
In either configuration, the microphone requires a bias current (electret condenser microphones) or
voltage supply (silicon microphones), which can be provided by MICBIAS. This reference is
generated by an output-compensated amplifier, which requires an external capacitor in order to
guarantee accuracy and stability. The recommended capacitance is 4.7
F, although it may be
possible to reduce this to 1
F if the analogue supply (LDOVOUT) is not too noisy. A ceramic type is a
suitable choice here, providing that care is taken to choose a component that exhibits this
capacitance at the intended MICBIAS voltage.
Note that the MICBIAS voltage may be adjusted using register control to suit the requirements of the
microphone. Also note the WM8946 supports a maximum current of 3mA. If more than one
microphone is connected to the MICBIAS, then combined current must not exceed 3mA.
A current-limiting resistor is also required when using an electret condenser microphone (ECM). The
resistance should be chosen according to the minimum operating impedance of the microphone and
MICBIAS voltage so that the maximum bias current of the WM8946 is not exceeded. Wolfson
recommends a 2.2k
 current limiting resistor as it provides compatibility with a wide range of
microphone models.
The recommended connections for single-ended and differential microphone modes are illustrated in
Figure 58 and Figure 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com