Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 18Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 19Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 20Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 21Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 22Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 23Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 24Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 25Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
07XSC200
4
Functional Description
4.1
Introduction
The 07XSC200 is one in a family of devices designed for low-voltage lighting applications. Its two low RDS(ON) MOSFETs (dual
7.0 m
) can control two separate 55 W / 28 W bulbs and/or Xenon modules.
Programming, control and diagnostics are accomplished using a 16-bit SPI interface. Its output with selectable slew rate
improves electromagnetic compatibility (EMC) behavior. Additionally, each output has its own parallel input or SPI control for
pulse-width modulation (PWM) control if desired. The 07XSC200 allows the user to program via the SPI, the fault current trip
levels and duration of acceptable lamp inrush. The device has fail-safe mode to provide fail-safe functionality of the outputs in
case of MCU damaged.
4.2
Functional Pin Description
4.2.1
Output Current Monitoring (CSNS)
The Current Sense pin provides a current proportional to the designated HS0:HS1 output or a voltage proportional to the
temperature on the GND flag. That current is fed into a ground-referenced resistor (2.5 k
 typical) and its voltage is monitored
by an MCU's A/D. The output type is selected via the SPI. This pin can be tri-stated through the SPI.
4.2.2
Direct Inputs (IN0, IN1)
Each IN input wakes the device. The IN0:IN1 high side input pins are also used to directly control HS0:HS1 high side output
pins. If the outputs are controlled by PWM module, the external PWM clock is applied to IN0 pin. These pins are to be driven with
CMOS levels, and they have a passive internal pull-down, RDWN.
4.2.3
Fault Status (FSB)
This pin is an open drain configured output requiring an external pull-up resistor to VDD for fault reporting. If a device fault
condition is detected, this pin is active LOW. Specific device diagnostics and faults are reported via the SPI SO pin.
4.2.4
WAKE (WAKE)
The WAKE input wakes the device. An internal clamp protects this pin from high damaging voltages with a series resistor (10 k
typ). This input has a passive internal pull-down, RDWN.
4.2.5
PWM Clock (CLOCK)
The clock input wakes the device. The PWM frequency and timing are generated from clock input by the PWM module. The clock
input frequency is the selectable factor 27 = 128. This input has a passive internal pull-down, RDWN.
4.2.6
RESET (RSTB)
The RESET input wakes the device. This is used to initialize the device configuration and fault registers, as well as place the
device in a low-current sleep mode. The pin also starts the watchdog timer when transitioning from logic [0] to logic [1]. This pin
has a passive internal pull-down, RDWN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com