Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 37Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 38Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 39Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 40Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 41Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 42Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 43Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 44Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
41
07XSC200
The GCR register disables the overvoltage protection (D0). When this bits is [0], the overvoltage is enabled (default value).
5.4.2.6
Address 00111—Calibration Register (CALR)
The CALR register allows the MCU to calibrate internal clock, as explained in Figure 13.
5.4.3
Serial Output Communication (Device Status Return Data)
When the CSB pin is pulled low, the output register is loaded. Meanwhile, the data is clocked out MSB- (OD15-) first as the new
message data is clocked into the SI pin. The first sixteen bits of data clocking out of the SO, and following a CSB transition, is
dependent upon the previously written SPI word.
Any bits clocked out of the Serial Output (SO) pin after the first 16 bits will be representative of the initial message bits clocked
into the SI pin since the CSB pin first transitioned to a logic [0]. This feature is useful for daisy-chaining devices as well as
message verification.
A valid message length is determined following a CSB transition of [0] to [1]. If there is a valid message length, the data is latched
into the appropriate registers. A valid message length is a multiple of 16 bits. At this time, the SO pin is tri-stated and the fault
status register is now able to accept new fault status information.
SO data will represent information ranging from fault status to register contents, user selected by writing to the STATR bits OD4,
OD3, OD2, OD1, and OD0. The value of the previous bit SOA3 will determine which output the SO information applies to for the
registers which are output specific; viz., Fault, PWMR, CONFR0, CONFR1, and OCR registers.
Note that the SO data will continue to reflect the information for each output that was selected during the most recent STATR
write until changed with an updated STATR write.
The output status register correctly reflects the status of the STATR-selected register data at the time that the CSB is pulled to a
logic [0] during SPI communication, and/or for the period of time since the last valid SPI communication, with the following
exception:
• The previous SPI communication was determined to be invalid. In this case, the status will be reported as though the invalid
SPI communication never occurred
•The VPWR voltage is below 4.0 V, the status must be ignored by the MCU
5.4.4
Serial Output Bit Assignment
The 16 bits of serial output data depend on the previous serial input message, as explained in the following paragraphs. Table 22,
summarizes SO returned data for bits OD15:OD0.
• Bit OD15 is the MSB; it reflects the state of the watchdog bit from the previously clocked-in message
• Bits OD14:OD10 reflect the state of the bits SOA4:SOA0 from the previously clocked in message
• Bit OD9 is set to logic [1] in Normal mode (NM)
• The contents of bits OD8:OD0 depend on bits D4:D0 from the most recent STATR command SOA4:SOA0 as explained
in the paragraphs following Table 22
Table 20. CSNS Reporting Selection
TEMP_en (D5) CSNS_en (D4)
CSNS reporting
0
0
CSNS tri-stated (default)
X
1
current recopy of selected output (D3:2]
bits)
1
0
temperature on GND flag
Table 21. Output Current Recopy Selection
CSNS1 (D3)
CSNS0 (D2)
CSNS reporting
10
HS0
11
HS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com