Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 8Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 9Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 10Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 11Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 12Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 13Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 14Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 15Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
07XSC200
3.3
Dynamic Electrical Characteristics
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING HS0 TO HS1
Output Rising Medium Slew Rate (medium speed slew rate / SR[1:0] = 00)(25)
•VPWR = 14 V
SRR_00
0.15
0.3
0.6
V/
s
Output Rising Slow Slew Rate (low speed slew rate / SR[1:0] = 01)(25)
•VPWR = 14 V
SRR_01
0.07
0.15
0.3
V/
s
Output Falling Fast Slew Rate (high speed slew rate / SR[1:0] = 10)(25)
•VPWR = 14 V
SRR_10
0.3
0.6
1.2
V/
s
Output Falling Medium Slew Rate (medium speed slew rate / SR[1:0] = 00)(25)
•VPWR = 14 V
SRF_00
0.15
0.3
0.6
V/
s
Output Falling Slow Slew Rate (low speed slew rate / SR[1:0] = 01)(25)
•VPWR = 14 V
SRF_01
0.07
0.15
0.3
V/
s
Output Rising Fast Slew Rate (high speed slew rate / SR[1:0] = 10)(25)
•VPWR = 14 V
SRF_10
0.3
0.6
1.2
V/
s
HS[0:1] Outputs Turn-ON and OFF Delay Times(26)(27)
VPWR = 14 V for medium speed slew rate (SR[1:0] = 00)
•tDLY(ON)
•tDLY(OFF)
tDLY_12
80
40
130
90
180
140
s
Driver Output Matching Slew Rate (SRR /SRF)
• VPWR = 14 V @ 25 °C and for medium speed slew rate (SR[1:0] = 00)
SR
0.8
1.0
1.2
HS[0:1] Driver Output Matching Time (tDLY(ON) - tDLY(OFF))
•VPWR = 14 V, fPWM = 240 Hz, PWM duty cycle = 50%, @ 25 °C for
medium speed slew rate (SR[1:0] = 00)
tRF_01
0
50
100
s
Notes
25.
Rise and Fall Slew Rates measured across a 5.0
resistive load at high side output = 30% to 70% (see Figure 4, page 19).
26.
Turn-ON delay time measured from rising edge of any signal (IN[0:1] and CSB) that would turn the output ON to VHS[0:1] = VPWR / 2
with RL = 5.0  resistive load.
27.
Turn-OFF delay time measured from falling edge of any signal (IN[0:1] and CSB) that would turn the output OFF to VHS[0:1] = VPWR / 2
with RL = 5.0  resistive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com