Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  07XSC200 Datasheet HTML 1Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 2Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 3Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 4Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 5Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 6Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 7Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 8Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Document Number: MC07XSC200
Rev. 2.0, 9/2013
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2013. All rights reserved.
Dual High Side Switch
(7.0 mOhm)
The 07XSC200 is one in a family of devices designed for low-voltage
lighting or factory automation applications. Its two low RDS(ON)
MOSFETs (dual 7.0 m
) can control two separate 55 W / 28 W bulbs,
and/or Xenon modules, and/or LEDs, and/or DC low voltage motors.
Programming, control and diagnostics are accomplished using a 16-bit
SPI interface. Its output with selectable slew rate improves
electromagnetic compatibility (EMC) behavior. Additionally, each
output has its own parallel input or SPI control for pulse-width
modulation (PWM) control if desired. The 07XSC200 allows the user to
program via the SPI, the fault current trip levels and duration of
acceptable inrush. The device has Fail-safe mode to provide fail-safe
functionality of the outputs in case of MCU damaged.
The 07XSC200 is packaged in a Pb-free power-enhanced 32 pins
SOIC package with exposed tab.
This device is powered by SMARTMOS technology.
Features
•Dual 7.0 m
 max high side switch (at 25 °C)
• Operating voltage range of 6.0 to 20 V with sleep current < 5.0 µA,
extended mode from 4.0 to 28 V
•8.0 MHz 16-bit 3.3 V and 5.0 V SPI control and status reporting with
daisy chain capability
• PWM module using external clock or calibratable internal oscillator
with programmable outputs delay management
• Smart overcurrent shutdown compliant to huge inrush current,
severe short-circuit, overtemperature protections with time limited
auto-retry, and Fail-safe mode, in case of MCU damage
• Output OFF or ON OpenLoad detection compliant to bulbs or LEDs
and short to battery detection. Analog current feedback with
selectable ratio and board temperature feedback.
Figure 1. 07XSC200 Simplified Application Diagram
HIGH SIDE SWITCH
EK SUFFIX PB-FREE
98ASA00368D
32-PIN EXPOSED PAD SOIC
07XSC200
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC07XSC200EK
-40 to 125 °C
32 SOIC
VDD
I/O
I/O
SO
SCLK
CSB
SI
I/O
I/O
I/O
A/D
VPWR
FSB
WAKE
SI
SCLK
CSB
SO
RSTB
IN0
IN1
CSNS
FSI
GND
HS1
HS0
GND
LOAD
LOAD
MCU
VDD
VDD
VDD
VPWR
I/O
CLOCK
07XSC200


Similar Part No. - 07XSC200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
07XS3200 NXP-07XS3200 Datasheet
1Mb / 47P
Dual high-side switch (7.0 mOhm)
Rev. 6.0, 1/2020
logo
Freescale Semiconductor...
07XSF517 FREESCALE-07XSF517 Datasheet
1Mb / 72P
Triple 7.0 mOhm and Dual 17 mOhm High Side Switch
More results

Similar Description - 07XSC200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
TOPFET dual high side switch
September 2001 Rev 1.000
PIP3207-DC PHILIPS-PIP3207-DC Datasheet
50Kb / 9P
TOPFET dual high side switch
September 2001 Rev 1.100
logo
Motorola, Inc
MC33289 MOTOROLA-MC33289 Datasheet
345Kb / 10P
Dual High-Side Switch
logo
List of Unclassifed Man...
G526 ETC-G526 Datasheet
89Kb / 6P
Dual USB High-Side Power Switch
logo
NXP Semiconductors
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
TOPFET dual high side switch
May 2001-Rev 1.400
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
TOPFET dual high side switch
October 2001-Rev 2.010
logo
List of Unclassifed Man...
B2526 ETC1-B2526 Datasheet
189Kb / 7P
Dual USB High Side Power Switch
logo
Freescale Semiconductor...
MC33143 FREESCALE-MC33143 Datasheet
281Kb / 8P
Dual High-Side Switch
06XSD200 FREESCALE-06XSD200 Datasheet
1Mb / 60P
Dual 6.0 mOhm High Side Switch
MC07XSC200 FREESCALE-MC07XSC200 Datasheet
300Kb / 2P
Dual High-Side Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com