Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 15Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 16Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 17Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 18Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 19Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 20Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 21Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 22Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
07XSC200
3.4
Timing Diagrams
Figure 4. Output Slew Rate and Time Delays
Figure 5. Overcurrent Shutdown Protection
VPWR
VHS[0:1]
tDLY(ON)
tDLY(OFF)
Low logic level
70% VPWR
30% VPWR
SRF
SRR
50%VPWR
RPWM
CSB
High logic level
VHS[0:1]
Time
Time
Time
Low logic level
IN[0:1]
High logic level
Time
or
IOCH1
tOC5
tOC4
tOC2
tOC1
Time
Load
Current
IOCH2
IOC1
IOC3
IOC4
IOCLO4
IOCLO3
IOC2
tOC3
tOC6
tOC7
IOCLO2
IOCLO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com