Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 24Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 25Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 26Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 27Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 28Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 29Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 30Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 31Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
07XSC200
To avoid this unexpected current leakage on the VDD supply pin, maintain the device in Normal mode with RSTB pin set to
logic[1]. This will allow diagnosis of the battery disconnection event through UV fault reporting in SPI. Then, apply 0 V on the VDD
supply pin to switch the device to Sleep state.
5.2.2
Normal Mode
The 07XSC200 is in Normal mode when:
•VPWR and VDD are within the normal voltage range,
• wake-up = 1,
• fail = 0,
•fault = 0.
In this mode, the NM bit is set to lfault_contrologic [1] and the outputs HS[0:1] are under control, as defined by the hson signal:
hson[x] = (((IN[x] and DIR_dis[x]) or On bit[x]) and PWM_en) or (On bit [x] and Duty_cycle[x] and PWM_en).
In this mode and also in Fail-safe, the fault condition reset depends on fault_control signal, as defined below:
fault_control[x] = ((IN_ON[x] and DIR_dis[x]) and PWM_en) or (On bit [x]).
5.2.2.1
Programmable PWM Module
The outputs HS[0:1] are controlled by the programmable PWM module if PWM_en and On bits are set to logic [1].
The clock frequency from CLOCK input pin or from the internal clock is the factor 27 (128) of the output PWM frequency
(CLOCK_sel bit). The outputs HS[0:1] can be controlled in the range of 5.0 to 98% with a resolution of 7 bits of duty cycle
(Table 6). The state of other IN pin is ignored.
The timing includes seven programmable PWM switching delay (number of PWM clock rising edges) to improve overall EMC
behavior of the light module (Table 7).
Table 6. Output PWM Resolution
On bit
Duty cycle
Output state
0
X
OFF
1
0000000
PWM (1/128 duty cycle)
1
0000001
PWM (2/128 duty cycle)
1
0000010
PWM (3/128 duty cycle)
1
n
PWM ((n+1)/128 duty cycle)
1
1111111
fully ON
Table 7. Output PWM Switching Delay
Delay bits
Output delay
000
no delay
001
16 PWM clock periods
010
32 PWM clock periods
011
48 PWM clock periods
100
64 PWM clock periods
101
80 PWM clock periods
110
96 PWM clock periods
111
112 PWM clock periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com