Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 6Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 7Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 8Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 9Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 10Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 11Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 12Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 13Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
07XSC200
OUTPUTS HS0 TO HS1 (CONTINUED)
HS[0,1] Current Sense Ratio (CSR1) Accuracy 
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 0
25 and 125
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 75 A
-40
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 75 A
CSR1_0_ACC
-20
-17
-28
-25
–
–
–
–
20
17
28
25
%
HS[0,1] Current Recopy Accuracy with one calibration point
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 0
(17)
•IHS[0:1] = 12.5 A
CSR1_0_ACC
(CAL)
-5.0
–
5.0
%
HS[0,1] Current Sense Ratio (CSR1) Accuracy 
(6.0V < VHS[0:1] < 20V) with 28W bit = 1
25 and 125
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 37.5 A
-40
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 75 A
CSR1_1_ACC
-20
-17
-28
-25
–
–
–
–
20
17
28
25
%
HS[0,1] Current Recopy Accuracy with one calibration point
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 1
(17)
•IHS[0:1] = 12.5 A
CSR1_1_ACC
(CAL)
-5.0
–
5.0
%
Current Sense Clamp Voltage
• CSNS Open; IHS[0:1] = 5.0 A with CSR0 ratio
VCL(CSNS)
VDD+0.25
–
VDD+1.0
V
OFF OpenLoad Detection Source Current(18)
IOLD(OFF)
30
–
100
A
OFF OpenLoad Fault Detection Voltage Threshold
VOLD(THRES)
2.0
3.0
4.0
V
ON OpenLoad Fault Detection Current Threshold
IOLD(ON)
80
330
660
mA
ON OpenLoad Fault Detection Current Threshold with LED
•VHS[0:1] = VPWR - 0.75 V
IOLD(ON_LED)
2.5
5.0
10
mA
Output Short to VPWR Detection Voltage Threshold
• Output programmed OFF
VOSD(THRES)
VPWR-1.2 VPWR-0.8 VPWR-0.4
V
Output Negative Clamp Voltage
•0.5 A < IHS[0:1] < 5.0 A, Output programmed OFF
VCL
-22
–
-16
V
Output Overtemperature Shutdown for 4.5 V < VPWR < 28 V
TSD
155
175
195
C
Notes
17.
Based on statistical analysis. It is not production tested.
18.
Output OFF OpenLoad Detection Current is the current required to flow through the load for the purpose of detecting the existence of an
open-load condition when the specific output is commanded OFF. Pull-up current is measured for VHS = VOLD(THRES)
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com