Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 31Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 32Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 33Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 34Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 35Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 36Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 37Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 38Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
35
07XSC200
5.3.6
Ground Disconnect Protection
In the event the 07XSC200 ground is disconnected from load ground, the device protects itself and safely turns OFF the output,
regardless of the state of the output at the time of disconnection (maximum VPWR = 16 V). A 10 kresistor needs to be added
between the MCU and each digital input pin to ensure the device turns off, during a ground disconnect and to prevent this pin
from exceeding maximum ratings.
5.3.7
Loss of Supply Lines
5.3.7.1
Loss of VDD
If the external VDD supply is disconnected (or not within specification: VDD < VDD(FAIL), with the VDD_FAIL_en bit set to logic [1]),
all SPI register content is reset.
The outputs can still be driven by the direct inputs IN[0:1] if VPWR is within specified voltage range. The 07XSC200 uses the
battery input to power the output MOSFET-related current sense circuitry and any other internal logic providing Fail-safe device
operation with no VDD supplied. In this state, the overtemperature, overcurrent, severe short-circuit, short to VPWR and OFF
OpenLoad circuitry are fully operational, with default values corresponding to all SPI bits are set to logic [0]. No current is
conducted from VPWR to VDD.
5.3.7.2
Loss of VPWR
If the external VPWR supply is disconnected (or not within specification), the SPI configuration, reporting, and daisy chain features
are provided for RSTB to set to logic [1] under VDD in nominal conditions. This fault condition can be diagnosed with UV fault in
SPI STATR_s registers. The SPI pull-up and pull-down current sources are not operational. The previous device configuration
is maintained. No current is conducted from VDD to VPWR.
5.3.7.3
Loss of VPWR and VDD
If the external VPWR and VDD supplies are disconnected (or not within specification: (VDD and VPWR) < VSUPPLY(POR)), all SPI
register contents are reset, with default values corresponding to all SPI bits set to logic [0] and all latched faults reset.
5.3.8
EMC Performances
All following tests are performed on the Freescale evaluation board in accordance with the typical application schematic.
The device is protected in the event of positive and negative transients on the VPWR line (per ISO 7637-2).
The 07XSC200 successfully meets the Class 5 of the CISPR25 emission standard and 200 V/m or BCI 200 mA injection level
for immunity tests.
5.4
Logic Commands and Registers
5.4.1
Serial Input Communication
SPI communication is accomplished using 16-bit messages. A message is transmitted by the MCU starting with the MSB D15
and ending with the LSB, D0 (Table 9). Each incoming command message on the SI pin can be interpreted using the following
bit assignments: the MSB, D15, is the watchdog bit (WDIN). In some cases, output selection is done with bit D13. The next four
bits, D14-D12:D10, are used to select the command register. The remaining nine bits, D8:D0, are used to configure and control
the outputs and their protection features.
Multiple messages can be transmitted in succession to accommodate those applications where daisy-chaining is desirable, or to
confirm transmitted data, as long as the messages are all multiples of 16 bits. Any attempt made to latch in a message that is
not 16 bits will be ignored.
The 07XSC200 has defined registers, which are used to configure the device and to control the state of the outputs. Table 10
summarizes the SI registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com