Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 30Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 31Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 32Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 33Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 34Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 35Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 36Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 37Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
Analog Integrated Circuit Device Data
34
Freescale Semiconductor
07XSC200
5.3.3.1
OpenLoad Detection in Off State
The OFF output OpenLoad fault is detected when the output voltage is higher than VOLD(THRES) pulled up with internal current
source (IOLD(OFF)) and reported as a fault condition when the output is disabled (OFF). The OFF Output OpenLoad fault is latched
into the status register or when the internal gate voltage is pulled low enough to turn OFF the output. The OL_OFF[0:1] fault bit
is set in the status register. If the OpenLoad fault is removed (FSB output pin goes to high), the status register will be cleared
after reading the register.
The OFF output OpenLoad protection can be disabled through SPI (OLOFF_DIS[0:1] bit).
5.3.3.2
OpenLoad Detection in On State
The ON output OpenLoad current thresholds can be chosen by the SPI to detect a standard bulbs or LEDs (OLLED[0:1] bit set
to logic [1]). In the case where load current drops below the defined current threshold OLON bit is set to logic [1], the output stays
ON and FSB is not disturbed.
5.3.3.3
OpenLoad Detection in On State For Led
OpenLoad for LEDs only (OLLED[0:1] set to logic [1]) is detected periodically each tOLLED (fully-on, D[6:0]=7F). To detect OLLED
in fully-on state, the output must be ON at least tOLLED.
To delatch the diagnosis, the condition should be removed and the SPI read operation is needed (OL_ON[0:1] bit). The ON output
open-load protection can be disabled through the SPI (OLON_DIS[0:1] bit).
5.3.3.4
Analog Current Recopy and Temperature Feedbacks
The CSNS pin is an analog output reporting a current proportional to the designed output current or a voltage proportional to the
temperature of the GND flag (pin #14). The routing is SPI programmable (TEMP_en, CSNS_en, CSNS_s[1,0] and CSNS_ratio_s
bits).
In case the current recopy is active, the CSNS output delivers current only during ON time of the output switch without overshoot.
The maximum current is 2.0 mA, typical. The typical value of external CSNS resistor connected to the ground is 2.5 k.
The current recopy is not active in Fail-safe mode.
5.3.3.5
Temperature Prewarning Detection
In Normal mode, the 07XSC200 provides a temperature prewarning reported via the SPI, in case the temperature of the GND
flag is higher than TOTWAR. This diagnosis (OTW bit set to [1]) is latched in the SPI DIAGR0 register. To delatch, a read SPI
command is needed.
5.3.4
Active Clamp ON VPWR
The device provides an active gate clamp circuit in order to limit the maximum transient VPWR voltage at VPWR(CLAMP). In case
of an overload on an output, the corresponding output is turned off, which leads to high voltage at VPWR with an inductive VPWR
line. When the VPWR voltage exceeds VPWR(CLAMP) threshold, the turn-off on the corresponding output is deactivated and all
HS[0:1] outputs are switched ON automatically to demagnetize the inductive battery line.
5.3.5
Reverse Battery on VPWR
The output survives the application of reverse voltage as low as -18 V. Under these conditions, the ON resistance of the output
is two times higher than a typical ohmic value in forward mode. No additional passive components are required except on the
VDD current path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com