Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 4Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 5Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 6Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 7Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 8Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 9Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 10Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 11Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
07XSC200
OUTPUTS HS0 TO HS1
HS[0,1] Output Drain-to-Source ON Resistance (IHS = 5.0 A, TA = 25 C)
•VPWR = 4.5 V
•VPWR = 6.0 V
•VPWR = 10 V
•VPWR = 13 V
RDS_01(ON)
–
–
–
–
–
–
–
–
25.2
11.2
7.0
7.0
m
HS[0,1] Output Drain-to-Source ON Resistance (IHS = 5.0 A, TA = 150 C)
•VPWR = 4.5 V
•VPWR = 6.0 V
•VPWR = 10 V
•VPWR = 13 V
RDS_01(ON)
–
–
–
–
–
–
–
–
42.8
19.1
11.9
11.9
m
HS[0,1] Output Source-to-Drain ON Resistance (IHS = -5.0 A, VPWR= -18 V)
(12)
•TA = 25 C
•TA = 150 C
RSD_01(ON)
–
–
–
–
10.5
14
m
HS[0,1] Maximum Severe Short-circuit Impedance Detection(13)
RSHORT_01
21
47
75
m
HS[0,1] Output Overcurrent Detection Levels (6.0 V < VHS[0:1] < 20 V)
• 28W bit = 0
• 28W bit = 1
OCHI1_0
OCHI2_0
OC1_0
OC2_0
OC3_0
OC4_0
OCLO4_0
OCLO3_0
OCLO2_0
OCLO1_0
OCHI1_1
OCHI2_1
OC1_1
OC2_1
OC3_1
OC4_1
OCLO4_1
OCLO3_1
OCLO2_1
OCLO1_1
89.9
67
48
42
35.2
28.8
21
13.3
11.3
7.4
44.9
33.5
24
20.8
17.6
14.4
6.1
6.1
6.1
2.7
114.8
83.7
61.2
53.2
44.6
36.4
26.6
18.4
14.2
9.3
57.4
41.9
30.6
26.5
22.3
18.2
7.6
7.6
7.6
4.9
139.8
100.4
74.4
64.4
54
44
32.1
23.5
17.1
11.2
69.9
50.2
37.2
32.1
27
22
9.0
9.0
9.0
7.0
A
Notes
12.
Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.
13.
Short-circuit impedance calculated from HS[0:1] to GND pins. Value guaranteed per design.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com