Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 14Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 15Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 16Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 17Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 18Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 19Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 20Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 21Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
07XSC200
SPI INTERFACE CHARACTERISTICS(36)
Maximum Frequency of SPI Operation
fSPI
–
–
8.0
MHz
Required Low State Duration for RSTB(37)
tWRSTB
10
–
–
s
Rising Edge of CSB to Falling Edge of CSB (Required Setup Time)(38)
tCSB
–
–
1.0
s
Rising Edge of RSTB to Falling Edge of CSB (Required Setup Time)(38)
tENBL
–
–
5.0
s
Falling Edge of CSB to Rising Edge of SCLK (Required Setup Time)(38)
tLEAD
–
–
500
ns
Required High State Duration of SCLK (Required Setup Time)(38)
tWSCLKh
–
–
50
ns
Required Low State Duration of SCLK (Required Setup Time)(38)
tWSCLKl
–
–
50
ns
Falling Edge of SCLK to Rising Edge of CSB (Required Setup Time)(38)
tLAG
–
–
60
ns
SI to Falling Edge of SCLK (Required Setup Time)(39)
tSI(SU)
–
–
37
ns
Falling Edge of SCLK to SI (Required Setup Time)(39)
tSI(HOLD)
–
–
49
ns
SO Rise Time
•CL = 80 pF
tRSO
–
–
13
ns
SO Fall Time
•CL = 80 pF
tFSO
–
–
13
ns
SI, CSB, SCLK, Incoming Signal Rise Time(39)
tRSI
–
–
13
ns
SI, CSB, SCLK, Incoming Signal Fall Time(39)
tFSI
–
–
13
ns
Time from Falling Edge of CSB to SO Low-impedance(40)
tSO(EN)
–
–
60
ns
Time from Rising Edge of CSB to SO High-impedance(41)
tSO(DIS)
–
–
60
ns
Notes
36.
Parameters guaranteed by design.
37.
RSTB low duration measured with outputs enabled and going to OFF or disabled condition.
38.
Maximum setup time required for the 07XSC200 is the minimum guaranteed time needed from the microcontroller.
39.
Rise and Fall time of incoming SI, CSB, and SCLK signals suggested for design consideration to prevent the occurrence of double
pulsing.
40.
Time required for output status data to be available for use at SO. 1.0 k
on pull-up on CSB.
41.
Time required for output status data to be terminated at SO. 1.0 k
on pull-up on CSB.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com