Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 39 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 39 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 35Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 36Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 37Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 38Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 39Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 40Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 41Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 42Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 43Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
39
07XSC200
Figure 14. Overcurrent Profile Depending on Xenon bit
D[7:6] bits allow to MCU to programmable bulb cooling curve and D[5:4] bits inrush curve for selected output, as shown Table 15
and Table 16.
A logic [1] on bit D3 (OCHI_s bit) the OCHI1 level is replaced by OCHI2 during tOC1, as shown Figure 15.
Table 15. Cooling Curve Selection
BC1_s (D7)
BC0_s (D6)
Profile Curves Speed
0
0
medium (default)
01
slow
10
fast
1
1
medium
Table 16. Inrush Curve Selection
OC1_s (D5)
OC0_s (D4)
Profile Curves Speed
0
0
slow (default)
01
fast
1
0
medium
1
1
very slow
Xenon bit set to logic [1]:
Xenon bit set to logic [0]:
IOCH1
IOCH2
IOC1
IOC2
IOCLO3
IOCLO2
IOCLO1
IOCLO4
tOC1
tOC3 tOC4 tOC5
tOC6
tOC7
Time
tOC2
tOC1
tOC2
tOC3 tOC4 tOC5 tOC6
tOC7
Time
IOCH1
IOCH2
IOC1
IOC2
IOC3
IOC4
IOCL3
IOCL2
IOCL1
IOCL4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com