Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 29Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 30Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 31Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 32Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 33Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 34Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 35Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 36Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
07XSC200
Figure 13. Auto-retry State Machine
5.3.2
Auto-retry
The auto-retry circuitry is used to reactivate the output(s) automatically in case of overcurrent or overtemperature or undervoltage
failure conditions to provide a high availability of the load.
Auto-retry feature is available in Fault mode. It is activated in case of internal retry signal is set to logic [1]:
retry[x] = OC[x] or OT[x] or UV.
The feature retries to switch-on the output(s) after one auto-retry period (tAUTO) with a limitation in term of number of occurrence
(16 for each output). The counter of retry occurrences is reset in case of Fail-safe to Normal or Normal to Fail-safe mode
transitions. At each auto-retry, the overcurrent detection will be set to default values in order to sustain the inrush current.
The Figure 13 describes the auto-retry state machine.
5.3.3
Diagnostic
Output Shorted to VPWR Fault
The 07XSC200 incorporates output shorted to VPWR detection circuitry in OFF state. Output shorted to VPWR fault is detected if
output voltage is higher than VOSD(THRES) and reported as a fault condition when the output is disabled (OFF). The output shorted
to VPWR fault is latched into the status register after the internal gate voltage is pulled low enough to turn OFF the output. The
OS[0:1] and OL_OFF[0:1] fault bits are set in the status register and FSB pin reports in real time the fault. If the output shorted
to VPWR fault is removed, the status register will be cleared after reading the register.
The open output shorted to VPWR protection can be disabled through SPI (OS_DIS[0:1] bit).
OpenLoad Faults
The 07XSC200 incorporates three dedicated OpenLoad detection circuitries on the output to detect in OFF and in ON state.
OFF
ON
Latched
OFF
Auto-retry
OFF
Auto-retry
ON
(SC=1)
(OV=1)
(fault_control=1 and OV=0)
(fault_control=0 or OV=1)
(fault_control=0)
(fault_control=0)
(fault_control=0)
(SC=1)
(Retry=1)
=> count=count+1
(Retry=1)
(count=16)
(after Retry Period and OV=0)
(OpenloadOFF=1
or ShortVpwr=1
(OpenloadOFF=1
or ShortVpwr=1
(OpenloadOFF=1
or ShortVpwr=1
(OpenloadON=1)
(OpenloadON=1)
or OV=1)
or OV=1)
or OV=1)
if hson=1
if hson=0
if hson=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com