Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 13Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 14Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 15Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 16Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 17Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 18Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 19Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 20Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
07XSC200
PWM MODULE TIMING
Input PWM Clock Range on CLOCK
fCLOCK
7.68
–
30.72
kHz
Input PWM Clock Low Frequency Detection Range on CLOCK(33)
fCLOCK(LOW)
1.0
2.0
4.0
kHz
Input PWM Clock High Frequency Detection Range on CLOCK(33)
fCLOCK(HIGH)
100
–
400
kHz
Output PWM Frequency Range using external clock on CLOCK(32)
fPWM
31.25
–
781
Hz
Output PWM Frequency Accuracy using Calibrated Oscillator(32)
AFPWM(CAL)
-10
–
+10
%
Default Output PWM Frequency using Internal Oscillator
fPWM(0)
84
120
156
Hz
CSB Calibration Low Minimum Time Detection Range
tCSB(MIN)
14
20
26
s
CSB Calibration Low Maximum Tine Detection Range
tCSB(MAX)
140
200
260
s
Output PWM Duty Cycle Range for fPWM = 1.0 kHz for high speed slew rate(33) RPWM_1k
10
–
94
%
Output PWM Duty Cycle Range for fPWM = 400 Hz(33)
RPWM_400
6.0
–
98
%
Output PWM Duty Cycle Range for fPWM = 200 Hz(33)
RPWM_200
5.0
–
98
%
INPUT TIMING
Direct Input Toggle Time-out
tIN
175
250
325
ms
AUTO-RETRY TIMING
Auto-retry Period
tAUTO
105
150
195
ms
TEMPERATURE ON THE GND FLAG
Thermal Prewarning Detection(34)
TOTWAR
110
125
140
°C
Analog Temperature Feedback at TA = 25 °C with RCSNS = 2.5 k
TFEED
1.15
1.20
1.25
V
Analog Temperature Feedback Derating with RCSNS = 2.5 k(35)
DTFEED
-3.5
-3.7
-3.9
mV/°C
Notes
32.
Clock Fail detector available for PWM_en bit is set to logic [1] and CLOCK_sel is set to logic [0].
33.
The PWM ratio is measured at VHS = 50% of VPWR and for the default SR value. It is possible to put the device fully-on (PWM duty cycle
100%) and fully-off (duty cycle 0%). For values outside this range, a calibration is needed between the PWM duty cycle programming
and the PWM on the output with RL = 5.0  resistive load.
34.
Typical value guaranteed per design.
35.
Value guaranteed per statistical analysis.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com