Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 41Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 42Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 43Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 44Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 45Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 46Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 47Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 48Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
45
07XSC200
6
Typical Applications
The following figure shows a typical lighting application (only one vehicle corner) using an external PWM clock from the main
MCU. A redundancy circuitry has been implemented to substitute light control (from MCU to watchdog) in case of a Fail-safe
condition.
It is recommended to locate a 22 nF decoupling capacitor to the module connector.
SPDL07 SOIC
I/O
VDD
VDD
VPWR
GND
MCU
Voltage regulator
VPWR
HS0
HS1
VDD
WAKE
FSB
CLOCK
IN1
SCLK
CSB
SI
SO
FSI
RSTB
IN0
100 nF
I/O
I/O
SCLK
CSB
SI
SO
10 k
10 k
10 k
10 k
10 k
10 k
2.5 k
10 k
LOAD 0
LOAD 1
CSNS
A/D
VDD
VDD
VPWR
VDD
22 nF
22 nF
22 nF
10 k
Watchdog
direct light commands (pedal, comodo,...)
VPWR
ignition
switch
100 nF
10 µF
100 nF
10 µF
100 nF
100 nF
VPWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com