Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  07XSC200 Datasheet HTML 1Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 2Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 3Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 4Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 5Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 6Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 7Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 8Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
07XSC200
8, 33
VPWR
Power
Positive Power Supply Pin 8 is a positive supply for quiet and accurate control. Pin 33 is a power supply
for the high current switch. These pins must be shorted at board level.
Connecting a heatsink to pin 33 guarantees optimal heat-evacuation
properties.
9 to 16
HS1
Output
High Side Output
Protected 7.0 m
 high side power output pin to the load. Those pins must be
shorted at board level.
26
FSI
Input
Fail-safe Input
The value of the resistance connected between this pin and ground determines
the state of the outputs after a watchdog time-out occurs.
27
CSNS
Output
Output Current
Monitoring
This pin is used to output a current proportional to the designated HS0-1 output.
28
CLOCK
Input
Reference Clock
This pin is used to apply a reference clock used to control the outputs in PWM
mode through embedded PWM module.
29
IN0
Input
Direct Input 0
This input pin is used to directly control the output HS0.
30
IN1
Input
Direct Input 1
This input pin is used to directly control the output HS1.
31
FSB
Output
Fault Status (Active
Low)
This is an open drain configured output requiring an external pull-up resistor to
VDD for fault reporting.
32
WAKE
Input
Wake
This pin is used to input a Logic [1] signal so as to enable the watchdog timer
function.
Table 1. 07XSC200 Pin Definitions (continued)
Pin
Number
Pin Name
Pin
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com