Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 7Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 8Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 9Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 10Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 11Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 12Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 13Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 14Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
07XSC200
CONTROL INTERFACE
Input Logic High Voltage(19)
VIH
2.0
–
VDD+0.3
V
Input Logic Low Voltage(19)
VIL
-0.3
–
0.8
V
Input Logic Pull-down Current (SCLK, SI)(22)
IDWN
5.0
–
20
A
Input Logic Pull-up Current (CSB) (23)
IUP
5.0
–
20
A
SO, FSB Tri-state Capacitance(20)
CSO
–
–
20
pF
Input Logic Pull-down Resistor (RSTB, WAKE, CLOCk and IN[0:1])
RDWN
125
250
500
k
Input Capacitance(20)
CIN
–
4.0
12
pF
Wake Input Clamp Voltage(21)
•ICL(WAKE) < 2.5 mA
VCL(WAKE)
18
25
32
V
Wake Input Forward Voltage
•ICL(WAKE) = -2.5 mA
VF(WAKE)
-2.0
–
-0.3
V
SO High-state Output Voltage
•IOH = 1.0 mA
VSOH
VDD-0.4
–
–
V
SO and FSB Low-state Output Voltage
•IOL = -1.0 mA
VSOL
–
–
0.4
V
SO, CSNS and FSB Tri-state Leakage Current
• CSB = VIH and 0 V < VSO < VDD, or FSB = 5.5 V, or CSNS = 0.0 V
ISO(LEAK)
-2.0
0.0
2.0
A
FSI External Pull-down Resistance(24)
• Watchdog Disabled
• Watchdog Enabled
RFS
–
10
0.0
Infinite
1.0
–
k
Notes
19.
Upper and lower logic threshold voltage range applies to SI, CSB, SCLK, FSB, IN[0:1], CLOCK and WAKE input signals. The WAKE and
RSTB signals may be supplied by a derived voltage referenced to VPWR.
20.
Input capacitance of SI, CSB, SCLK, RSTB, IN[0:1], CLOCK and WAKE. This parameter is guaranteed by process monitoring but is not
production tested.
21.
The current must be limited by a series resistance when using voltages > 7.0 V.
22.
Pull-down current is with VSI > 1.0 V and VSCLK > 1.0 V.
23.
Pull-up current is with VCSB < 2.0 V. CSB has an active internal pull-up to VDD.
24.
In Fail-safe HS[0:1] depends respectively on IN[0:1]. FSI has an active internal pull-up to VREG ~ 3.0 V.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com