Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  07XSC200 Datasheet HTML 1Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 2Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 3Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 4Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 5Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 6Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 7Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 8Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
07XSC200
3
Electrical Characteristics
3.1
Maximum Ratings
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
VPWR Supply Voltage Range
• Load Dump at 25 °C (400 ms)
• Maximum Operating Voltage
• Reverse Battery
VPWR(SS)
41
28
-18
V
VDD Supply Voltage Range
VDD
-0.3 to 5.5
V
Input/Output Voltage
(4)
-0.3 to VDD+0.3
V
WAKE Input Clamp Current
ICL(WAKE)
2.5
mA
CSNS Input Clamp Current
ICL(CSNS)
2.5
mA
HS [0:1] Voltage
•Positive
• Negative
VHS[0:1]
41
-24
V
Output Current per Channel
• Nominal Continuous Current(1)
• Short-circuit Transient Current
• Reverse Continuous Current(1)
IHS[0:1]
26
116
-26
A
High Side Breakdown Voltage
VPWR - VHS
47
V
HS[0,1] Output Clamp Energy using single pulse method(2)
ECL[0:1]
100
mJ
ESD Voltage(3)
• Human Body Model (HBM) for HS[0:1], VPWR and GND
• Human Body Model (HBM) for other pins
• Charge Device Model (CDM)
Corner Pins (1, 27, 28, 57)
All Other Pins
VESD1
VESD2
VESD3
VESD4
±8000
±2000
±750
±500
V
Notes
1.
Continuous high side output current rating so long as maximum junction temperature is not exceeded. Calculation of maximum output
current using board thermal resistance is required.
2.
Active clamp energy using single-pulse method (L = 2.0 mH, RL = 0 , VPWR = 14 V, TJ = 150 C initial).
3.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 ), the Machine Model (MM)
(CZAP = 200 pF, RZAP = 0 ), and the Charge Device Model (CDM), Robotic (CZAP = 4.0 pF).
4.
Input / Output pins are: IN[0:1], CLOCK, RSTB, FSI, CSNS, SI, SCLK, CSB, SO, FSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com