Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 3Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 4Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 5Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 6Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 7Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 8Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 9Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 10Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
07XSC200
3.2
Static Electrical Characteristics
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER INPUTS
Battery Supply Voltage Range
• Fully Operational
• Extended mode(8)
VPWR
6.0
4.0
–
–
20
28
V
Battery Clamp Voltage(9)
VPWR(CLAMP)
41
47
53
V
VPWR Operating Supply Current
• Outputs commanded ON,
HS[0:1] open, IN[0:1] > VIH
IPWR(ON)
–6.5
20
mA
VPWR Supply Current
• Outputs commanded OFF, OFF Open-load Detection Disabled, HS[0:1]
shorted to the ground with VDD = 5.5 V
WAKE > VIH or RSTB > VIH and IN[0:1] < VIL
IPWR(SBY)
–6.5
7.5
mA
Sleep State Supply Current
VPWR = 12 V, RSTB = WAKE = CLOCK = IN[0:1] < VIL, HS[0:1] shorted to
ground
•TA = 25 °C
•TA = 85 °C
IPWR(SLEEP)
–
–
1.0
–
5.0
30
A
VDD Supply Voltage
VDD(ON)
3.0–5.5
V
VDD Supply Current at VDD = 5.5 V
• No SPI Communication
•8.0 MHz SPI Communication(10)
IDD(ON)
–
–
1.6
5.0
2.2
–
mA
VDD Sleep State Current at VDD = 5.5 V
IDD(SLEEP)
––
5.0
A
Overvoltage Shutdown Threshold
VPWR(OV)
28
32
36
V
Overvoltage Shutdown Hysteresis
VPWR(OVHYS)
0.2
0.8
1.5
V
Undervoltage Shutdown Threshold(11)
VPWR(UV)
3.3
3.9
4.3
V
VPWR and VDD Power on Reset Threshold
VSUPPLY(POR)
0.5–0.9
VPWR(UV)
Recovery Undervoltage Threshold
VPWR(UV)_UP
3.4
4.1
4.5
V
VDD Supply Failure Threshold (for VPWR > VPWR(UV))
VDD(FAIL)
2.2
2.5
2.8
V
Notes
8.
In extended mode, the functionality is guaranteed but not the electrical parameters. From 4.0 to 6.0 V voltage range, the device is only
protected with the thermal shutdown detection.
9.
Measured with the outputs open.
10.
Typical value guaranteed per design.
11.
Output will automatically recover with time limited auto-retry to instructed state when VPWR voltage is restored to normal as long as the
VPWR degradation level did not go below the undervoltage power-ON reset threshold. This applies to all internal device logic that is
supplied by VPWR and assumes that the external VDD supply is within specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com