Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 9Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 10Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 11Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 12Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 13Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 14Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 15Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 16Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
07XSC200
POWER OUTPUT TIMING HS0 TO HS1 (continued)
Fault Detection Blanking Time(28)
tFAULT
1.0
5.0
20
s
Output Shutdown Delay Time(29)
tDETECT
–
7.0
30
s
CSNS Valid Time(30)
tCNSVAL
–
70
100
s
Watchdog Time-out(31)
tWDTO
217
310
400
ms
ON OpenLoad Fault Cyclic Detection Time with LED
TOLD(LED)
105
150
195
ms
Notes
28.
Time necessary to report the fault to FSB pin.
29.
Time necessary to switch-off the output in case of OT or OC or SC or UV fault detection (from negative edge of FSB pin to HS voltage =
50% of VPWR
30.
Time necessary for CSNS to be within ±5% of the targeted value (from HS voltage = 50% of VPWR to ±5% of the targeted CSNS value).
31.
For FSI open, the Watchdog time-out delay measured from the rising edge of RSTB, to HS[0,1] output state depend on the corresponding
input command.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com