Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 25Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 26Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 27Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 28Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 29Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 30Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 31Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 32Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
29
07XSC200
The clock frequency from CLOCK is permanently monitored in order to report a clock failure in case the frequency is out a
specified frequency range (from fCLOCK(LOW) to fCLOCK(HIGH)). In case of clock failure, no PWM feature is provided, the On bit
defines the outputs state and the CLOCK_fail bit reports [1].
5.2.2.2
Calibratable Internal Clock
The internal clock can vary as much as
30 percent corresponding to typical fPWM(0) output switching period.
Using the existing SPI inputs and the precision timing reference already available to the MCU, the 07XSC200 allows clock period
setting within
10 percent of accuracy. Calibrating the internal clock is initiated by defined word to CALR register. The calibration
pulse is provided by the MCU. The pulse is sent on the CSB pin after the SPI word is launched. At the moment, the CSB pin
transitions from logic [1] to [0] until from logic [0] to [1] determines the period of internal clock with a multiplicative factor of 128.
In case a negative CSB pulse is outside a predefined time range (from tCSB(MIN) to tCSB(MAX)), the calibration event will be ignored
and the internal clock will be unaltered or reset to the default value (fPWM(0)), if this was not calibrated before.
The calibratable clock is used, instead of the clock from CLOCK input, when CLOCK_sel is set to [1].
5.2.3
Fail-safe Mode
The 07XSC200 is in Fail-safe mode when:
•VPWR is within the normal voltage range,
• wake-up = 1,
• fail = 1,
•fault = 0.
5.2.3.1
Watchdog
If the FSI input is not grounded, the watchdog time-out detection is active when either the WAKE or IN_ON[0:1] or RSTB input
pin transitions from logic [0] to logic [1]. The WAKE input is capable of being pulled up to VPWR with a series of limiting resistance
limiting the internal clamp current according to the specification.
The watchdog time-out is a multiple of an internal oscillator. As long as the WD bit (D15) of an incoming SPI message is toggled
within the minimum watchdog time-out period (WDTO), the device will operate normally.
5.2.3.2
Fail-safe Conditions
If an internal watchdog time-out occurs before the WD bit for FSI open (Table 8) or in case of VDD failure condition (VDD<
VDD(FAIL))) for VDD_FAIL_en bit is set to logic [1], the device will revert to a Fail-safe mode until the WD bit is written to logic [1]
(see fail-safe to normal mode transition paragraph) and VDD is within the normal voltage range.
CS
SI
CALR
SI command
ignored
Internal
clock duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com