Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

07XSC200 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 07XSC200
Description  Dual High Side Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

07XSC200 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 07XSC200 Datasheet HTML 5Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 6Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 7Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 8Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 9Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 10Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 11Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 12Page - Freescale Semiconductor, Inc 07XSC200 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
07XSC200
OUTPUTS HS0 TO HS1 (CONTINUED)
HS[0,1] Current Sense Ratio (6.0 V < VHS[0:1] < 20 V, CSNS < 5.0 V)
(14)
• 28W bit = 0
• CSNS_ratio bit = 0
• CSNS_ratio bit = 1
• 28W bit = 1
• CSNS_ratio bit = 0
• CSNS_ratio bit = 1
CSR0_0
CSR1_0
CSR0_1
CSR1_1
–
–
–
–
1/10700
1/63600
1/5350
1/31800
–
–
–
–
–
HS[0,1] Current Sense Ratio (CSR0) Accuracy 
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 0
25 and 125
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 5.0 A
•IHS[0:1] = 3.0 A
•IHS[0:1] = 1.5 A
-40
C
•IHS[0:1] = 12.5 A
•IHS[0:1] = 5.0 A
•IHS[0:1] = 3.0 A
•IHS[0:1] = 1.5 A
CSR0_0_ACC
-15
-22
-27
-30
-20
-27
-30
-40
–
–
–
–
–
–
–
–
15
22
27
30
20
27
30
40
%
HS[0,1] Current Recopy Accuracy with one calibration point
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 0
(15)
•IHS[0:1] = 5.0 A
CSR0_0_ACC
(CAL)
-5.0
–
5.0
%
HS[0,1] Current Sense Ratio (CSR0) Accuracy 
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 1
25 and 125
C
•IHS[0:1] = 3.0 A
•IHS[0:1] = 1.5 A
-40
C
•IHS[0:1] = 3.0 A
•IHS[0:1] = 1.5 A
CSR0_1_ACC
-25
-30
-30
-40
–
–
–
–
25
30
30
40
%
HS[0,1] Current Recopy Accuracy with one calibration point
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 1
(15)
•IHS[0:1] = 3.0 A
CSR0_1_ACC
(CAL)
-5.0
–
5.0
%
HS[0,1] CSR0 Current Recopy Temperature Drift 
(6.0 V < VHS[0:1] < 20 V) with 28W bit = 0(16)
•IHS[0:1] = 5.0 A
(CSR0_0)/(T)
–
–
0.04
%/
C
Notes
14.
Current sense ratio = ICSNS / IHS[0:1]
15.
Based on statistical analysis. It is not production tested.
16.
Based on statistical data: delta(CSR0)/delta(T)={(measured ICSNS at T1 - measured ICSNS at T2) / measured ICSNS at room} / {T1-T2}. No
production tested.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
VPWR  20 V, 3.0 V  VDD  5.5 V, -40 C  TA  125 C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com