Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 3Page - Cirrus Logic CS4298 Datasheet HTML 4Page - Cirrus Logic CS4298 Datasheet HTML 5Page - Cirrus Logic CS4298 Datasheet HTML 6Page - Cirrus Logic CS4298 Datasheet HTML 7Page - Cirrus Logic CS4298 Datasheet HTML 8Page - Cirrus Logic CS4298 Datasheet HTML 9Page - Cirrus Logic CS4298 Datasheet HTML 10Page - Cirrus Logic CS4298 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
CS4298
DS315PP2
7
MODEM CHARACTERISTICS (Analog Transmitter Specifications: T
ambient = 0° to 70° C, AVdd = 5.0
V; Sample Frequency, Fs = 48 kHz; Audio specifications for 20Hz - 5 kHz, actual digital filter may cutoff at 20 kHz,
600
Ω differential load where applicable)
Notes: 6. This is the FCC specification for Out-of-Band energy at the telephone jack interface. 9 kHz refers to the
bin size of an FFT performed over the entire range. The amount of noise plus tone power in each 8kHz
bin must be less than -55dBV.
Parameter
Min
Typical
Max
Units
Modem Analog Transmitter Characteristics
Resolution
20
bits
Dynamic Range
(Note 5)
100
dB FS
Passband
20
5000
Hz
Passband Ripple
±0.125
dB1K
Total Harmonic Distortion
85
88
dB FS
Full Scale Peak to Peak Output Voltage (TX+ to TX-)
TBD
5.6
TBD
Volts
AC Output Impedance (TX+, TX-)
(Note 5)
0.1
W
Load Impedance (per pin)
(Note 5)
250
W
Power Supply Rejection (1kHz)
(Note 5)
60
dB
Output Current (per pin)
7.4
mA
Offset (relative)
(Note 5)
6
mV
Out of Band specifications (Tambient = 25° C, AVdd = 5 V;
Sample Frequency, Fs = 48 kHz; measurement bandwidth
20 kHz - 1MHz, RL=600 Ω, CL=33nF)
(Note 5)
-40
dB FS
Total Out of Band energy (20 kHz - 1 MHz)
(Note 5)
-30
dBV
Highest 9kHz band (noise + tone) power (90 kHz - 2 MHz)
(Note 5, 6)
-55
dBV
Modem Analog Receiver Characteristics
Resolution
18
bits
Dynamic Range
Gain = 0
90
dB FS
Passband
20
5000
Hz
Passband Ripple
±0.125
dB1K
Total Harmonic Distortion
Gain = 0
85
dB FS
Total Absolute Gain Accuracy
-5
+5
%
Full Scale Peak to Peak Input Voltage (RX+ to RX-,
differential)
Gain = 0
2.8
Volts
Input Impedance (per pin)
(Note 5)
15
K
Ω
Offset (relative)
(Note 5)
6
mV
Power Supply Rejection
(Note 5)
40
60
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com