Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 24Page - Cirrus Logic CS4298 Datasheet HTML 25Page - Cirrus Logic CS4298 Datasheet HTML 26Page - Cirrus Logic CS4298 Datasheet HTML 27Page - Cirrus Logic CS4298 Datasheet HTML 28Page - Cirrus Logic CS4298 Datasheet HTML 29Page - Cirrus Logic CS4298 Datasheet HTML 30Page - Cirrus Logic CS4298 Datasheet HTML 31Page - Cirrus Logic CS4298 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
CS4298
28
DS315PP2
6.1.12 Extended Audio ID (Index 28h)
ID[1:0]
Codec configuration ID. Primary is 00; Secondary is 01,10,or 11. This is a reflection of the ID[1:0]# con-
figuration pins. The state of the ID# pins are determined at power-up and are the inverse of the ID bits
in this register.
LDAC
PCM LFA DAC. Indicates a LFE DAC is supported.
SDAC
PCM Surround DAC. Indicates a Surround DAC is supported.
CDAC
PCM Center DAC. Indicates a Center DAC is supported.
VRA
Variable Rate Audio. This bit is clear indicating variable sample rates are not supported.
Read-only data Mode 0,1,2
x000h. Where x is determined by the state of ID[1:0] input pins.
Mode 3
x1C0h.
6.1.13 Extended Audio Status / Control (Index 2Ah)
CDAC
PCM Center DAC Ready. When set, the Center DAC is ready.
LDAC
PCM LFE DAC Ready. When set, the LFE DAC is ready.
SDAC
PCM Surround DAC Ready. When set, the Surround DACs are ready.
MADC
MIC ADC Ready. When Set, the dedicated Microphone ADC is ready.
PRI
PCM Center DAC Disable. When set, the Center DAC is disabled.
PRJ
PCM Surround DAC Disable. When set, the Surround DAC is disabled.
PRK
PCM LFE DAC Disable. When set, the LFE DAC is disabled.
PRL
Dedicated Microphone ADC Disable. When set, the MIC ADC is disabled.
Default
Mode 0,1
0000h
Mode 2
0200h
Mode 3
01C0h
CDAC, LDAC, SDAC, and MADC are read only bits.
Mode
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0ID1
ID0
VRA
1ID1
ID0
VRA
2ID1
ID0
VRA
3
ID1
ID0
LDAC SDAC CDAC
VRA
Mode
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
000000000
1
000000000
2
PRL
0000MDAC
000
3
0
PRK
PRJ
PRI
0
0
LDAC
SDAC
CDAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com