Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 4Page - Cirrus Logic CS4298 Datasheet HTML 5Page - Cirrus Logic CS4298 Datasheet HTML 6Page - Cirrus Logic CS4298 Datasheet HTML 7Page - Cirrus Logic CS4298 Datasheet HTML 8Page - Cirrus Logic CS4298 Datasheet HTML 9Page - Cirrus Logic CS4298 Datasheet HTML 10Page - Cirrus Logic CS4298 Datasheet HTML 11Page - Cirrus Logic CS4298 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
CS4298
8
DS315PP2
DIGITAL CHARACTERISTICS (AVss = DVss = 0 V)
Parameter
Symbol
Min
Typ
Max
Unit
DVdd = 3.3V
Low level input voltage
Vil
0.8
V
High level input voltage
Vih
2.15
V
High level output voltage
Voh
3.0
3.25
V
Low level output voltage
Vol
0.03
.35
V
Input Leakage Current (AC-link inputs)
-10
-
10
µA
Output Leakage Current (Tri-stated AC-link outputs)
-10
-
10
µA
Output buffer drive current
BIT_CLK
SDATA_IN, EAPD
S/PDIF_OUT
(Note 5)
24
4
12.5
mA
mA
mA
DVdd = 5.0 V
Low level input voltage
Vil
0.8
V
High level input voltage
Vih
3.25
V
High level output voltage
Voh
4.5
4.95
V
Low level output voltage
Vol
-0.03
.35
V
Input Leakage Current (AC-link inputs)
-10
-
10
µA
Output Leakage Current (Tri-stated AC-link outputs)
-10
-
10
µA
Output buffer drive current
BIT_CLK
SDATA_IN, EAPD
S/PDIF_OUT
(Note 5)
24
4
12.5
mA
mA
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com