Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4298 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS4298
Description  SoundFusion Audio/Modem Codec 97 (AMC 97)
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4298 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS4298 Datasheet HTML 34Page - Cirrus Logic CS4298 Datasheet HTML 35Page - Cirrus Logic CS4298 Datasheet HTML 36Page - Cirrus Logic CS4298 Datasheet HTML 37Page - Cirrus Logic CS4298 Datasheet HTML 38Page - Cirrus Logic CS4298 Datasheet HTML 39Page - Cirrus Logic CS4298 Datasheet HTML 40Page - Cirrus Logic CS4298 Datasheet HTML 41Page - Cirrus Logic CS4298 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
CS4298
38
DS315PP2
7.2
Microphone Level Inputs
The microphone level inputs, MIC1 and MIC2, include a selectable -34.5 dB to +12 dB gain stage
for interfacing to an external microphone. An additional 20 dB gain block is also available. Figure 12
illustrates a single-ended microphone input buffer circuit that will support lower gain mics. The cir-
cuit in Figure 12 supports dynamic mics and phantom-powered mics that use the right channel (ring)
of the jack for power..
7.3
Line Level Outputs
The analog output section provides a stereo line-level output and an alternate stereo line-level output.
LINE_OUT_L, LINE_OUT_R, ALT_LINE_OUT_L, and ALT_LINE_OUT_R outputs should be
capacitively coupled to external circuitry.
The mono output, MONO_OUT, can be used as either a sum of the left and right output channels
attenuated by 6 dB to prevent clipping at full scale or the selected MIC_IN signal. The mono out
channel can be used to drive the PC internal mono speaker using an appropriate drive circuit. This
approach allows the traditional PC sounds to be integrated with the rest of the audio system. The mute
control is independent of the line outputs allowing the mono channel to mute the speaker without
muting the line outputs.
Each of the 5 analog outputs, if used in the design, require 680 pF or larger NPO dielectric capacitors
between the corresponding pin and AGND. Each analog output is DC biased up to the Vrefout volt-
age signal reference which is nominally 2.2 V. This requires that the output either be AC coupled to
external circuitry (AC load must be greater than 10 k
Ω) or DC coupled to a buffer op-amp biased at
the Vrefout voltage (see Figure 13 for the recommended headphone op-amp circuit).
AGND
4
8
+5 VA
100 k
Ω
1
2
5
3
4
2.7 k
Ω
CGND
220 pF
220 pF
68 k
Ω
AGND
0.068 µF
X7R
AGND
+
-
AGND
4
1
8
+5 VA
U1A
MC33078D
3
2
47 k
Ω
10 µF
AGND
2
1
+
47 k
Ω
AGND
+5 VA
47 k
Ω
+
-
6.8 k
Ω
10 µF
AGND
2
1
+
6
5
220 pF
47 k
Ω
U1B
MC33078D
1 µF
X7R
7
MIC1
Figure 12. PC ‘99 Microphone Pre-amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com